Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM586 Datasheet(PDF) 15 Page - OKI electronic componets

Part # MSM586
Description  Built-in 16 bit PWM and 8 bit A/D Converter, High-speed High-preformance 16 bit Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM586 Datasheet(HTML) 15 Page - OKI electronic componets

Back Button MSM586 Datasheet HTML 11Page - OKI electronic componets MSM586 Datasheet HTML 12Page - OKI electronic componets MSM586 Datasheet HTML 13Page - OKI electronic componets MSM586 Datasheet HTML 14Page - OKI electronic componets MSM586 Datasheet HTML 15Page - OKI electronic componets MSM586 Datasheet HTML 16Page - OKI electronic componets MSM586 Datasheet HTML 17Page - OKI electronic componets MSM586 Datasheet HTML 18Page - OKI electronic componets MSM586 Datasheet HTML 19Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15/24
¡ Semiconductor
MSM66585/586/587/P587/Q587
• External Data Memory Control
ALE pulse width
Symbol
Units
Conditions
Parameter
Min
RD pulse width
WR pulse width
RD pulse delay time
WR pulse delay time
Low address setup time
tfW
tRAD
ns
(Ta=–30 to +70°C)
Clock (OSC) pulse width
25
CL=50pF
2tfW–2
2tfW–5
2tfW–5
tfW–3
tfW–3
2tfW–3
Low address hold time
tfW–3
High address setup time
3tfW–3
High address hold time
tfW–3
Max
tfW+3
tfW+3
2tfW+3
tfW+3
3tfW+3
tfW+3
tAW
tRW
tWW
tWAD
tAHS
tALS
tALH
tAHH
Memory data setup time
15
Memory data hold time
0
Data delay time
tALH–0
Data hold time
tfW–3
tfW–3
tALH+5
tfW+3
tDD
tMS
tMH
tDH
CLK
ALE
tfW
tfW
tAW
RD
tRAD
tRW
AD 0-AD7
RAP 0-7
DIN 0-7
tALS
tALH
tMS
tMH
A 8-A19
RAP 8-19
tAHS
tAHH
WR
tWAD
tWW
AD 0-AD7
RAP 0-7
DOUT 0-7
tALS
tALH
tDH
A 8-A19
RAP 8-19
tAHS
tAHH
tDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com