Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM586 Datasheet(PDF) 23 Page - OKI electronic componets

Part # MSM586
Description  Built-in 16 bit PWM and 8 bit A/D Converter, High-speed High-preformance 16 bit Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM586 Datasheet(HTML) 23 Page - OKI electronic componets

Back Button MSM586 Datasheet HTML 16Page - OKI electronic componets MSM586 Datasheet HTML 17Page - OKI electronic componets MSM586 Datasheet HTML 18Page - OKI electronic componets MSM586 Datasheet HTML 19Page - OKI electronic componets MSM586 Datasheet HTML 20Page - OKI electronic componets MSM586 Datasheet HTML 21Page - OKI electronic componets MSM586 Datasheet HTML 22Page - OKI electronic componets MSM586 Datasheet HTML 23Page - OKI electronic componets MSM586 Datasheet HTML 24Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
23/24
¡ Semiconductor
MSM66585/586/587/P587/Q587
Definition of terms
• Resolution
Resolution is the minimum input analog value that can be resolved. With 8 bits, 28=256 so
resolution can be to (VREF-AGND) ÷ 256.
• Linearity error
Linearity error is the difference between actual conversion characteristics and ideal
conversion characteristics of an 8-bit A/D converter (so this does not include quantization
error).
Ideal conversion characteristics would be to divide the voltage between VREF and AGND
into 256 equal steps.
• Differential linearity error
Differential linearity error indicates slope of conversion characteristics. The change in
analog input voltage value that would change the digital output by one bit is ideally 1 LSB
= (VREF-AGND) ÷ 256, so differential linearity error is the difference between this ideal bit
size and the actual bit size anywhere in the conversion range.
• Zero scale error
Zero scale error is the difference between actual conversion characteristics and ideal
conversion characteristics at the point where digital output switches from 00H to 01H.
• Full scale error
Full scale error is the difference between actual conversion characteristics and ideal
conversion characteristics at the point where digital output switches from FEH to FFH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com