Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM586 Datasheet(PDF) 14 Page - OKI electronic componets

Part # MSM586
Description  Built-in 16 bit PWM and 8 bit A/D Converter, High-speed High-preformance 16 bit Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM586 Datasheet(HTML) 14 Page - OKI electronic componets

Back Button MSM586 Datasheet HTML 10Page - OKI electronic componets MSM586 Datasheet HTML 11Page - OKI electronic componets MSM586 Datasheet HTML 12Page - OKI electronic componets MSM586 Datasheet HTML 13Page - OKI electronic componets MSM586 Datasheet HTML 14Page - OKI electronic componets MSM586 Datasheet HTML 15Page - OKI electronic componets MSM586 Datasheet HTML 16Page - OKI electronic componets MSM586 Datasheet HTML 17Page - OKI electronic componets MSM586 Datasheet HTML 18Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14/24
¡ Semiconductor
MSM66585/586/587/P587/Q587
AC Characteristics (VDD=5V±10%)
• External Program Memory Control
ALE pulse width
Symbol
Units
Conditions
Parameter
Min
PSEN pulse width
PSEN pulse delay time
Low address setup time
Low address hold time
High address setup time
tfW
tALS
ns
(Ta=–30 to +70°C)
Clock (OSC) pulse width
25
CL=50pF
2tfW–2
2tfW–5
tfW–3
2tfW–3
tfW–3
4tfW–3
High address hold time
0
Instruction setup time
15
Instruction hold time
0
Max
tfW+3
2tfW+3
tfW+3
4tfW+3
tfW+3
tfW–3
tAW
tPW
tPAD
tALH
tIS
tAHS
tAPH
tIH
CLK
ALE
tfW
tfW
PSEN
tAW
tPAD
tPW
AD 0-AD7
PC 0-7
INST 0-7
tALS
tALH
tIS
tIH
A 8-A19
PC 8-19
tAHS
tAPH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com