Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM586 Datasheet(PDF) 16 Page - OKI electronic componets

Part # MSM586
Description  Built-in 16 bit PWM and 8 bit A/D Converter, High-speed High-preformance 16 bit Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM586 Datasheet(HTML) 16 Page - OKI electronic componets

Back Button MSM586 Datasheet HTML 12Page - OKI electronic componets MSM586 Datasheet HTML 13Page - OKI electronic componets MSM586 Datasheet HTML 14Page - OKI electronic componets MSM586 Datasheet HTML 15Page - OKI electronic componets MSM586 Datasheet HTML 16Page - OKI electronic componets MSM586 Datasheet HTML 17Page - OKI electronic componets MSM586 Datasheet HTML 18Page - OKI electronic componets MSM586 Datasheet HTML 19Page - OKI electronic componets MSM586 Datasheet HTML 20Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16/24
¡ Semiconductor
MSM66585/586/587/P587/Q587
• Serial Port Contorl
Master mode
Serial clock cycle time
Symbol
Units
Conditions
Parameter
Min.
Output data setup time
Output data hold time
Input data setup time
Input data hold time
tfW
tSRMXS
ns
(Ta=–30 to +70°C)
Clock (OSC) pulse width
25
CL=50pF
8tfW
4tfW–5
3tfW–10
20
0
Typ.
tSCKC
tSTMXS
tSTMXH
tSRMXH
Max.
tSCKC
SDOUT
(TXD)
tSTMXH
SDIN
(RXD)
tSRMXS
SCK
tSTMXS
tSRMXH
Valid
Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com