Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2165ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP2165ACPZ-R7
Description  5.5 V, 5 A/6 A, High Efficiency, Step-Down DC-to-DC Regulators with Output Tracking
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2165ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP2165ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
ADP2165/ADP2166
Rev. B | Page 3 of 23
FUNCTIONAL BLOCK DIAGRAM
+
–
+
+
0.6V
ISS
SS
FB
COMP
Σ
AMP
CONTROL
LOGIC
BST
SW
IMAX
HICCUP
MODE
NFET1
NFET2
INEG
VPVIN
PGND
0.54V
PVIN
UVLO
EN
EN_BUF
SLOPE RAMP
CLK
+
–
NEG CURRENT
CMP
TRK
+
–
1.2V
OCP
CMP
+
–
+
–
DRIVER
DRIVER
ACS
DEGLITCH
OSC
CLK
SLOPE RAMP
RT
SYNC
PGOOD
0.7V
+
–
OVP
0.66V
+
–
AVIN
VREG
GND
3.3V
REGULATOR
EN_BUF
VPVIN
Figure 3. ADP2165/ADP2166 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com