Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2165ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP2165ACPZ-R7
Description  5.5 V, 5 A/6 A, High Efficiency, Step-Down DC-to-DC Regulators with Output Tracking
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2165ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP2165ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Data Sheet
ADP2165/ADP2166
Rev. B | Page 23 of 23
OUTLINE DIMENSIONS
0.80
0.75
0.70
0.50
BSC
0.50
0.40
0.30
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGD-8
BOTTOM VIEW
TOP VIEW
4.10
4.00 SQ
3.90
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
PIN 1
INDICATOR
1
24
7
12
13
18
19
6
0.30
0.25
0.18
0.20 MIN
2.70
2.60 SQ
2.50
EXPOSED
PAD
SEATING
PLANE
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 37. 24-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.75 mm Package Height
(CP-24-15)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Output Current (A)
Temperature Range
Output Voltage
Package Description
Package Option
ADP2165ACPZ-R7
5
−40°C to +125°C
ADJ
24-Lead LFCSP
CP-24-15
ADP2165ACPZ-1.0-R7
5
−40°C to +125°C
1.0 V
24-Lead LFCSP
CP-24-15
ADP2165ACPZ-1.2-R7
5
−40°C to +125°C
1.2 V
24-Lead LFCSP
CP-24-15
ADP2165ACPZ-1.5-R7
5
−40°C to +125°C
1.5V
24-Lead LFCSP
CP-24-15
ADP2165ACPZ-1.8-R7
5
−40°C to +125°C
1.8 V
24-Lead LFCSP
CP-24-15
ADP2165ACPZ-2.5-R7
5
−40°C to +125°C
2.5 V
24-Lead LFCSP
CP-24-15
ADP2165ACPZ-3.3-R7
5
−40°C to +125°C
3.3 V
24-Lead LFCSP
CP-24-15
ADP2165-EVALZ
Evaluation Board
ADP2166ACPZ-R7
6
−40°C to +125°C
ADJ
24-Lead LFCSP
CP-24-15
ADP2166ACPZ-1.0-R7
6
−40°C to +125°C
1.0 V
24-Lead LFCSP
CP-24-15
ADP2166ACPZ-1.2-R7
6
−40°C to +125°C
1.2 V
24-Lead LFCSP
CP-24-15
ADP2166ACPZ-1.5-R7
6
−40°C to +125°C
1.5 V
24-Lead LFCSP
CP-24-15
ADP2166ACPZ-1.8-R7
6
−40°C to +125°C
1.8 V
24-Lead LFCSP
CP-24-15
ADP2166ACPZ-2.5-R7
6
−40°C to +125°C
2.5 V
24-Lead LFCSP
CP-24-15
ADP2166ACPZ-3.3-R7
6
−40°C to +125°C
3.3 V
24-Lead LFCSP
CP-24-15
ADP2166-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
©2014–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D10956-0-8/17(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com