Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2165ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP2165ACPZ-R7
Description  5.5 V, 5 A/6 A, High Efficiency, Step-Down DC-to-DC Regulators with Output Tracking
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2165ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP2165ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Data Sheet
ADP2165/ADP2166
Rev. B | Page 9 of 23
40
35
30
25
20
15
10
2.73.13.5
3.94.34.75.15.5
VPVIN (V)
–40ºC
+25ºC
+125ºC
Figure 11. High-Side NFET Resistor vs. VPVIN (Pin-to-Pin Measurements)
605
604
603
602
601
600
599
598
597
596
595
–40
0
25
85
125
TEMPERATURE (°C)
Figure 12. Feedback Voltage vs. Temperature, VPVIN = 5 V
1300
1275
1250
1225
1200
1175
1150
1125
1100
2.73.13.5
3.94.34.75.15.5
VPVIN (V)
–40°C
+25ºC
+125ºC
Figure 13. Switching Frequency vs. VPVIN at 1.2 MHz (RT = VREG)
30
25
20
15
10
5
0
2.73.13.5
3.94.34.75.15.5
VPVIN (V)
–40ºC
+25ºC
+125ºC
Figure 14. Low-Side NFET Resistor vs. VPVIN (Pin-to-Pin Measurements)
610
590
600
580
570
560
550
540
530
2.73.13.5
3.94.34.75.15.5
VPVIN (V)
–40ºC
+25ºC
+125ºC
Figure 15. Switching Frequency vs. VPVIN (RRT = 95.3 kΩ)
660
650
640
620
630
610
600
590
580
570
560
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VPVIN (V)
–40ºC
+25ºC
+125ºC
Figure 16. Switching Frequency vs. VPVIN at 620 kHz (RT Floating)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com