Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2165ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP2165ACPZ-R7
Description  5.5 V, 5 A/6 A, High Efficiency, Step-Down DC-to-DC Regulators with Output Tracking
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2165ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP2165ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Data Sheet
ADP2165/ADP2166
Rev. B | Page 15 of 23
INDUCTOR SELECTION
The inductor value is determined by the operating frequency,
input voltage, output voltage, and inductor ripple current. Using
a small inductor leads to a faster transient response; however, it
degrades efficiency due to a larger inductor ripple current.
Conversely, using a large inductor value leads to a smaller ripple
current and better efficiency; however, it results in a slower
transient response.
As a guideline, the inductor ripple current, ΔIL, is typically set
to one-third of the maximum load current. The inductor value
is calculated using the following equation:
L =
SW
L
OUT
PVIN
f
I
D
V
V
×
∆
×
−
)
(
where:
VPVIN is the input voltage.
VOUT is the output voltage.
ΔIL is the inductor ripple current.
fSW is the switching frequency.
D is the duty cycle, D = VOUT/VPVIN.
The ADP2165/ADP2166 use adaptive slope compensation in
the current loop to prevent subharmonic oscillations when the
duty cycle is larger than 50%. The internal slope compensation
limits the minimum inductor value.
For a duty cycle that is larger than 50%, the minimum inductor
value is determined by using the following equation:
L (Minimum) =
SW
OUT
f
D
V
×
−
×
4
)
1
(
The peak inductor current is calculated by using the following
equation:
IPEAK = IOUT +
2
L
I
∆
The saturation current of the inductor must be larger than the peak
inductor current. For ferrite core inductors with a quick saturation
characteristic, the saturation current rating of the inductor must
be higher than the current limit threshold of the switch. This
prevents the inductor from reaching saturation.
The rms current of the inductor is calculated from the following
equation:
IRMS =
12
2
2
L
OUT
I
I
∆
+
Shielded ferrite core materials are recommended for low core
loss and low EMI. Table 6 lists some recommended inductors.
Table 6. Recommended Inductors
Vendor
Part No.
L
(µH)
ISAT
(A)
IRMS
(A)
DCR
(mΩ)
Würth
Elektronik
744311022
0.22
32
21
1.10
744314047
0.47
20
18
1.35
744314076
0.76
15
15.5
2.25
744311100
1.0
19
15
4.6
744311150
1.5
14
11
6.6
7443340220
2.2
12.5
16.5
4.4
7443340330
3.3
8.5
14
6.5
Coilcraft
XAL7020-271ME
0.27
30
21
2.9
XAL7020-331ME
0.33
28
20
4.0
XAL7020-471ME
0.47
24.3
17
4.75
XAL7020-681ME
0.68
22.3
13
7.9
XAL7020-102ME
1.0
16.4
11
9.8
XAL7030-152ME
1.5
23.5
15
7.6
XAL7030-222ME
2.2
18
12.9
13.7
OUTPUT CAPACITOR SELECTION
The output capacitor selection affects the output ripple voltage
load step transient and the loop stability of the regulator.
For example, during a load step transient where the load is
suddenly increased, the output capacitor supplies the load until
the control loop can ramp up the inductor current. The delay
caused by the control loop causes the output to undershoot. The
output capacitance that is required to satisfy the voltage droop
requirement can be calculated by using the following equation:
COUT_UV =
UV
OUT
OUT
PVIN
STEP
UV
V
V
V
L
I
K
_
2
)
(
2
∆
×
−
×
×
∆
×
where:
KUV is a factor, with a typical setting of KUV = 2.
ΔISTEP is the load step.
ΔVOUT_UV is the allowable undershoot on the output voltage.
Another example occurs when a load is suddenly removed from
the output, and the energy stored in the inductor rushes into
the output capacitor, causing the output to overshoot.
The output capacitance that is required to meet the overshoot
requirement can be calculated using the following equation:
COUT_OV =
2
2
_
2
)
(
OUT
OV
OUT
OUT
STEP
OV
V
V
V
L
I
K
−
∆
+
×
∆
×
where:
KOV is a factor, with a typical setting of KOV = 2.
ΔVOUT_OV is the allowable overshoot on the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com