Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2165ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP2165ACPZ-R7
Description  5.5 V, 5 A/6 A, High Efficiency, Step-Down DC-to-DC Regulators with Output Tracking
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2165ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP2165ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Data Sheet
ADP2165/ADP2166
Rev. B | Page 17 of 23
DESIGN EXAMPLE
ADP2166
BST
FB
COMP
PGOOD
GND
VREG
RT
TRK
SYNC
SS
L1
0.47µH
SW
PGND
EN
PVIN
CIN
47µF
16V
VPVIN = 5V
CBST
0.1µF
COUT1
100µF
6.3V
COUT2
100µF
6.3V
VOUT = 1.2V
RTOP
10kΩ
RBOT
10kΩ
CC
680pF
RC
36kΩ
CSS
22nF
AVIN
CVREG
1µF
CCP
4.7pF
Figure 31. Schematic for Design Example
This section describes the procedures for selecting the external
components based on the example specifications listed in Table 7.
See Figure 31 for the schematic of this design example.
Table 7. Step-Down DC-to-DC Regulator Requirements
Parameter
Specification
Input Voltage
VPVIN = 5.0 V ± 10%
Output Voltage
VOUT = 1.2 V
Output Current
IOUT = 6 A
Output Voltage Ripple
∆VOUT_RIPPLE = 12 mV
Load Transient
±5%, 1 A to 5 A, 2 A/µs
Switching Frequency
fSW = 1.2 MHz
OUTPUT VOLTAGE SETTING
Choose a 10 kΩ resistor as the top feedback resistor (RTOP)
and calculate the bottom feedback resistor (RBOT) by using the
following equation:
RBOT = RTOP ×
− 6
.
0
6
.
0
OUT
V
To set the output voltage to 1.2 V, the resistor values are as
follows: RTOP = 10 kΩ and RBOT = 10 kΩ.
FREQUENCY SETTING
To use the fixed 1.2 MHz switching frequency, connect the RT
pin to the VREG pin.
INDUCTOR SELECTION
The peak-to-peak inductor ripple current, ∆IL, is set to 30% of
the maximum output current. Use the following equation to
estimate the inductor value:
L =
SW
L
OUT
PVIN
f
I
D
V
V
×
∆
×
−
)
(
where:
VPVIN = 5 V.
VOUT = 1.2 V.
D = 0.24.
∆IL = 1.8 A.
fSW = 1.2 MHz.
This calculation results in L = 0.422 µH. Choose the standard
inductor value of 0.47 µH.
The peak-to-peak inductor ripple current can be calculated by
using the following equation:
ΔIL =
SW
OUT
IN
f
L
D
V
V
×
×
−
)
(
This calculation results in ∆IL = 1.617 A.
Use the following equation to calculate the peak inductor
current:
IPEAK = IOUT +
2
L
I
∆
This calculation results in IPEAK = 6.809 A.
Use the following equation to calculate the rms current flowing
through the inductor:
IRMS =
12
2
2
L
OUT
I
I
∆
+
This calculation results in IRMS = 6.018 A.
Based on the calculated current value, select an inductor with
a minimum rms current rating of 6.03 A and a minimum
saturation current rating of 6.9 A.
However, to protect the inductor from reaching its saturation
point under the current-limit condition, use an inductor that is
rated for at least a 9 A saturation current for reliable operation.
Based on the requirements described previously, select a 0.47 µH
inductor, such as the 744314047 from Würth, which has a 1.35 mΩ
DCR and a 20 A saturation current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com