Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2165ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP2165ACPZ-R7
Description  5.5 V, 5 A/6 A, High Efficiency, Step-Down DC-to-DC Regulators with Output Tracking
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2165ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP2165ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2165ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Data Sheet
ADP2165/ADP2166
Rev. B | Page 11 of 23
IL
CH2 5.00V
CH4 5.00A Ω
M1.00µs
A CH2
4.00V
T 40.20%
2
1
4
T
SW
CH1 5.00mV
B
W
VOUT (AC)
Figure 23. Steady Waveform
CH1 5.00V
CH2 500mV BW
CH4 5.00A Ω
M10.0ms
A CH2
600mV
T 20.40%
1
2
4
VOUT
SW
IL
T
Figure 24. Output Short
CH3 5.00V
CH2 2.00V
M400ns
A CH3
400mV
T 20.40%
3
2
SYNC
SW
T
Figure 25. Synchronized to 1 MHz in Phase
TRK
FB
CH2 500mV
CH3 500mV
M2.00ms
A CH3
300mV
T 20.20%
3
T
2
Figure 26. Tracing Function
CH1 5.00V
CH2 500mV BW
CH4 5.00A Ω
M10.0ms
A CH2
600mV
T 80.40%
1
2
4
VOUT
SW
IL
T
Figure 27. Output Short Recovery
CH3 5.00V
CH2 2.00V
M400ns
A CH3
400mV
T 20.40%
3
2
SYNC
SW
T
Figure 28. Synchronized to 1 MHz 180° Out of Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com