Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2311ACPZ-4-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP2311ACPZ-4-R7
Description  Dual 1 A, 18 V, Synchronous Step-Down Regulator with Fail-Safe Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2311ACPZ-4-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP2311ACPZ-4-R7 Datasheet HTML 1Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 2Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 3Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 4Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 5Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 6Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 7Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 8Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
ADP2311
Rev. B | Page 3 of 20
FUNCTIONAL BLOCK DIAGRAM
+
0.6V
AMP1
CONTROL
LOGIC
AND
MOSFET
DRIVER
WITH
ANTI-CROSS
PROTECTION
BST1
SW1
I1MAX
HICCUP
MODE
DRIVER
VREG
+
–
–
–
OVP
PVIN1
UVLO
PGND1
SLOPE RAMP1
CLK1
LOW-SIDE
CURRENT
SENSE
+
SOFT
START
+
0.579V
ITIMER
DELAY
TIMER
POR1
POR1
POR2
PFO
0.6V
0.6V
PFI
VM2
POR2
–
+
1.2V
1µA
4µA
POWER-UP
AND
POWER-DOWN
SEQUENCE
CONTROL
VREG
PVIN1
GND
5V
REGULATOR
OSC
CLK1
CLK2
SLOPE RAMP1
SLOPE RAMP2
FB2
FB1
ADP2311
POR1
+
48mV
+
POR
CONTROL
LOGIC
ACS1
–
+
DRIVER
+
+
RESET
GENERATOR
–
–
ACS1
OCP
CMP1
0.7V
BOOST
REGULATOR
+
0.6V
AMP2
CONTROL
LOGIC
AND
MOSFET
DRIVER
WITH
ANTI-CROSS
PROTECTION
BST2
SW2
I2MAX
HICCUP
MODE
DRIVER
VREG
+
–
–
OVP
PVIN2
UVLO
PGND2
SLOPE RAMP2
CLK2
LOW-SIDE
CURRENT
SENSE
+
SOFT
START
+
0.579V
POR2
ACS1
–
+
DRIVER
+
–
+
–
+
+
ACS2
OCP
CMP2
0.7V
BOOST
REGULATOR
FB1
TIMER
FB2
POR
WDI
EN
RSTO
RSTO
Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com