Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2311ACPZ-4-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP2311ACPZ-4-R7
Description  Dual 1 A, 18 V, Synchronous Step-Down Regulator with Fail-Safe Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2311ACPZ-4-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP2311ACPZ-4-R7 Datasheet HTML 8Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 9Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 10Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 11Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 12Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 13Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 14Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 15Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADP2311
Data Sheet
Rev. B | Page 12 of 20
CH1 2V
CH4 2A
CH2 10V
M10ms
A CH1
2.04V
1
2
4
T
20.2%
B
W
B
W
B
W
Ω
VOUT
SW
IL
Figure 29. Output Short
CH1 2V
CH2 10V
M10ms
A CH1
2.04V
1
2
4
T
70.40%
B
W
B
W
B
W
CH4 2A Ω
VOUT
SW
IL
Figure 30. Output Short Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com