Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2311ACPZ-4-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2311ACPZ-4-R7
Description  Dual 1 A, 18 V, Synchronous Step-Down Regulator with Fail-Safe Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2311ACPZ-4-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2311ACPZ-4-R7 Datasheet HTML 6Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 7Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 8Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 9Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 10Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 11Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 12Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 13Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADP2311
Data Sheet
Rev. B | Page 10 of 20
250
260
270
280
290
300
310
320
330
340
350
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 17. Frequency vs. Temperature
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
1.12
1.14
1.16
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 18. Watchdog Reset Timeout Period vs. Temperature
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 19. TIMER Pin Source Current vs. Temperature
560
564
568
572
576
580
584
588
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
RISING
FALLING
Figure 20. Watchdog Reset Threshold vs. Temperature
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
1.12
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 21. Normalized Watchdog Timeout Period vs. Temperature
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 22. Peak Current Limit Threshold vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com