Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2311ACPZ-4-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP2311ACPZ-4-R7
Description  Dual 1 A, 18 V, Synchronous Step-Down Regulator with Fail-Safe Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2311ACPZ-4-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP2311ACPZ-4-R7 Datasheet HTML 9Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 10Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 11Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 12Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 13Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 14Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 15Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 16Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADP2311
Rev. B | Page 13 of 20
THEORY OF OPERATION
The ADP2311 is a fully integrated, dual output, step-down dc-to-dc
regulator. The ADP2311 can operate with an input voltage from
4.5 V to 18 V and can regulate the output voltage down to 0.6 V.
The ADP2311 also integrates power-up and power-down sequence
circuitry and a watchdog timer to enhance system reliability.
CONTROL SCHEME
The ADP2311 features a fixed frequency, current mode pulse-
width modulation (PWM) control architecture. At the start of
each oscillator cycle, the high-side MOSFET turns on, placing a
positive voltage across the inductor. The inductor current increases
until the current sense signal crosses the peak inductor current
threshold, which turns off the high-side MOSFET and turns on
the low-side MOSFET. This places a negative voltage across the
inductor, reducing the inductor current. The low-side MOSFET
stays on for the remainder of the cycle.
PRECISION ENABLE/SHUTDOWN
The ADP2311 has a precision enable pin for both channels.
The EN pin has an internal pull-down current source of 5 µA
that provides a default turn-off when the EN pin is open.
When the voltage on the EN pin exceeds 1.2 V typical, Channel 1
and Channel 2 are enabled, and the internal pull-down current
source at the EN pin is reduced to 1 µA, which allows the user to
program the input voltage UVLO.
When the voltage on the EN pin falls below 1.1 V typical,
Channel 1, Channel 2, and all internal circuits are turned off,
and the device enters shutdown mode.
INTERNAL REGULATOR (VREG)
The internal regulator provides a stable voltage supply for the
internal control circuits and bias voltage for the low-side gate
drivers. It is recommended that a 1 µF ceramic capacitor be
placed between VREG and GND. The internal regulator also
includes a current-limit circuit for protection.
The PVIN1 pin provides the power supply for the internal
regulator shared by both channels.
BOOTSTRAP CIRCUITRY
The ADP2311 integrates boot regulators to provide the gate drive
voltage for the high-side MOSFETs. The regulators generate 5 V
bootstrap voltages between the BSTx pin and the SWx pin.
It is recommended that an X7R or X5R, 0.1 µF ceramic capacitor
be placed between the BSTx and the SWx pins.
SOFT START
The ADP2311 has integrated soft start circuitry to limit the
output voltage rise time and to reduce inrush current at startup.
The soft start time is fixed at 512 clock cycles (1.7 ms).
PEAK CURRENT-LIMIT AND SHORT-CIRCUIT
PROTECTION
The ADP2311 has a peak current-limit protection circuit to
prevent current runaway. The high-side MOSFET peak current
is limited to 2 A typical. When the peak inductor current reaches
the current-limit threshold, the high-side MOSFET turns off,
the low-side MOSFET turns on, and the overcurrent counter
increments.
When the low-side MOSFET is turned on, the internal circuit
continues to monitor the current going through the low-side
MOSFET. At the end of every clock cycle, if the low-side MOSFET
source current is greater than the low-side source current limit
threshold (2.6 A typical), the high-side MOSFET stays off, the
low-side MOSFET stays on for the next cycle, and the over-
current counter increments. The high-side MOSFET turns on
again when the low-side source current is below the low-side
source current limit at the start of a cycle.
If the high-side MOSFET peak current does not exceed the peak
current limit in one cycle, the overcurrent counter is reset. If the
overcurrent counter reaches 10, the device enters hiccup mode.
During hiccup mode, the high-side and low-side MOSFETs are
both turned off. The device remains in hiccup mode for 4096
clock cycles and then attempts a soft start. If the current-limit
fault is cleared, the device resumes normal operation; if the
current-limit fault is still active, the device reenters hiccup mode.
The low-side MOSFET can also sink current from the load. If
the low-side sink current limit is exceeded, both the low-side and
high-side MOSFETs are turned off until the next cycle starts.
POWER-ON RESET (POR)
The POR pin is an active high, open-drain output that requires
a resistor to pull it up to a voltage.
The POR threshold is referenced to the FBx pin voltage (VFB)
and is specified as a percentage of VFB. The POR falling threshold
is 95% typical, 93.5% minimum, and 96.5% maximum, which
covers the full temperature range. Therefore, the typical POR
falling threshold is 95% of the typical VFB value, the minimum
POR falling threshold is 93.5% of the minimum VFB value, and
the maximum POR falling threshold is 96.5% of the maximum
VFB value.
If VFB is at the minimum value of 0.591 V, the minimum voltage
of the POR falling threshold is 0.591 V × 93.5% = 0.553 V.
If VFB is at the maximum value of 0.609 V, the maximum voltage
of the POR falling threshold is 0.609 V × 96.5% = 0.588 V.
Therefore, the worst-case POR falling threshold voltage range is
0.553 V to 0.588 V.
The typical POR falling threshold voltage is 0.6 V × 95% = 0.57 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com