Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2311ACPZ-4-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP2311ACPZ-4-R7
Description  Dual 1 A, 18 V, Synchronous Step-Down Regulator with Fail-Safe Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2311ACPZ-4-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADP2311ACPZ-4-R7 Datasheet HTML 1Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 2Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 3Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 4Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 5Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 6Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 7Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 8Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADP2311
Data Sheet
Rev. B | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Typical Application Circuit ............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Functional Block Diagram .............................................................. 3
Specifications..................................................................................... 4
Absolute Maximum Ratings............................................................ 6
Thermal Resistance ...................................................................... 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ............................................. 8
Theory of Operation ...................................................................... 13
Control Scheme .......................................................................... 13
Precision Enable/Shutdown ...................................................... 13
Internal Regulator (VREG)....................................................... 13
Bootstrap Circuitry .................................................................... 13
Soft Start ...................................................................................... 13
Peak Current-Limit and Short-Circuit Protection ................ 13
Power-On Reset (POR) ............................................................. 13
TIMER Pin Configuration........................................................ 14
Power Fail Comparator.............................................................. 15
Voltage Monitor Comparator (VM2)...................................... 15
Watchdog Timer......................................................................... 15
Power-Up and Power-Down Sequence ................................... 15
Overvoltage Protection (OVP)................................................. 15
Undervoltage Lockout (UVLO) ............................................... 15
Thermal Shutdown .................................................................... 16
Applications Information .............................................................. 17
Input Capacitor Selection.......................................................... 17
Output Voltage Setting .............................................................. 17
Inductor Selection ...................................................................... 17
Output Capacitor Selection....................................................... 18
Application Circuit......................................................................... 19
Outline Dimensions....................................................................... 20
Ordering Guide .......................................................................... 20
REVISION HISTORY
8/2017—Rev. A to Rev. B
Updated Outline Dimensions....................................................... 20
Changes to Ordering Guide .......................................................... 20
3/2014—Revision A: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com