Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2311ACPZ-4-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP2311ACPZ-4-R7
Description  Dual 1 A, 18 V, Synchronous Step-Down Regulator with Fail-Safe Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2311ACPZ-4-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP2311ACPZ-4-R7 Datasheet HTML 7Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 8Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 9Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 10Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 11Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 12Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 13Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 14Page - Analog Devices ADP2311ACPZ-4-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADP2311
Rev. B | Page 11 of 20
50
60
70
80
90
100
110
120
130
140
150
160
–40
–20
0
20406080
100
120
TEMPERATURE (°C)
Figure 23. High-Side MOSFET RDSON vs. Temperature
CH1 20mV
CH2 20V
M4µs
A CH4
7.2V
1
2
3
4
T
50.40%
B
W
CH3 20mV
CH4 20V
B
W
VOUT1 (AC)
SW1
VOUT2 (AC)
SW2
Figure 24. Working Mode Waveform
CH1 100mV
M200µs
A CH4
720mA
1
4
T
20.2%
B
W
B
W
CH4 500mA Ω
VOUT (AC)
IOUT
Figure 25. Load Transient Response, 0.25 A to 0.75 A
40
45
50
55
60
65
70
75
80
85
90
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 26. Low-Side MOSFET RDSON vs. Temperature
CH1 5V
CH2 2V
M1ms
A CH1
3V
1
2
3
4
T
20.40%
B
W
B
W
CH3 2V
CH4 2V
B
W
EN
VOUT2
POR
VOUT1
Figure 27. Soft Start with Full Load
CH1 5V
CH2 10V
M1ms
A CH1
10.7V
1
2
3
T
20.40%
B
W
B
W
CH3 20mV
B
W
VIN
SW
VOUT (AC)
Figure 28. Line Transient Response, VIN from 8 V to 14 V, IOUT = 1 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com