Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAF Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # BAF
Description  High Capacity Enclosed Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

BAF Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  BAF Datasheet HTML 1Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 2Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 3Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 4Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 5Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 6Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 7Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 8Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2 Honeywell • Sensing and Control
MICRO SWITCH™ BAF/DTF Series
SPECIFICATIONS
Characteristic
Parameter
Description
High capacity enclosed switch
Actuators
• Straight plunger (with boot seal)
• Top roller plunger (without boot seal)
• Flexible rod (with boot seal)
• Manually operated (with boot seal)
• Roller arm, adjustable (with boot seal)
• One-way roller lever (with boot seal)
• NMaintained contact (reset) plunger (with boot seal)=
Conduit
1/2 in-14 NPT
Switching options
1NO/1NC SPDT maintained
1NO/1NC SPDT snap-action
2NO/2NC DPDT snap-action
Sealing
NEMA 1, 3, 4 and 13
Operating temperature
-32 °C to 71 °C [-25 °F to 160 °F] (standard)
Housing material
Zinc die-cast
Approvals
UL, CSA
ELECTRICAL RATINGS
Rating Code Electrical rating
B
UL/CSA Rating:
10 A, 125 Vac or 250 Vac
0.3 A, 125 Vdc; 0.15 A, 250 Vdc
D
UL/CSA Rating:
20 A, 125 Vac, 250 Vac or 480 Vac
1 HP, 125 Vac; 2 HP, 250 Vac
1/2 A, 125 Vdc; 1/4 A, 250 Vdc
Lamp load, 10 A, 125 Vac
SWITCHING
SPDT
DPDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com