Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAF Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # BAF
Description  High Capacity Enclosed Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

BAF Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  BAF Datasheet HTML 1Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 2Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 3Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 4Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 5Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 6Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 7Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 8Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Honeywell • Sensing and Control
5
High Capacity Enclosed Switches
Roller Lever
One-Way Roller
Lever
Flexible Rod
Description
Pretravel
5,56 mm [0.219 in]
7,93 mm [0.312 in]
5,56 mm [0.219 in]
15°
Different. travel
0,51 mm [0.020 in]
3,05 mm [0.120 in]
0,51 mm [0.020 in]
–
Overtravel
6,35 mm [0.250 in]
5,56 mm [0.219 in]
6,35 mm [0.250 in]
–
Operating force
8,90 N [2 lb]
11,1 N [2.5 lb]
8,90 N [2 lb]
–
Operating
position
–
–
–
–
Actuator
Position
Electric
Rating
Seal
boot
Switching Options
Right
D
Yes
SPDT
field adjustable
360° horizontally
and 225° vertically
BAF1-2RN2-RH
Left
D
Yes
SPDT
field adjustable
360° horizontally
and 225° vertically
BAF1-2RN2-LH
Right
D
Yes
DPDT
field adjustable
360° horizontally
and 225° vertically
DTF2-2RN2-RH
Left
D
Yes
DPDT
field adjustable
360° horizontally
and 225° vertically
DTF2-2RN2-LH
Right
D
Yes
SPDT
field adjustable
360° horizontally
and 180° vertically
BAF1-2RN28-RH
Left
D
Yes
SPDT
field adjustable
360° horizontally
and 180° vertically
BAF1-2RN28-LH
Right
D
Yes
SPDT
operates from any
direction, except
direct pull
BAF1-2RN18-RH
Left
D
Yes
SPDT
operates from any
direction, except
direct pull
BAF1-2RN18-LH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com