Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAF Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # BAF
Description  High Capacity Enclosed Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

BAF Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  BAF Datasheet HTML 1Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 2Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 3Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 4Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 5Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 6Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 7Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 8Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4 Honeywell • Sensing and Control
MICRO SWITCH™ BAF/DTF Series
Roller Plunger
Description
Pretravel
2,39 mm [0.094 in]
3,18 mm [0.125 in]
Different. travel
0,25 mm [0.010 in]
1,53 mm
[0.060 in]
0,19 mm
[0.0075 in]
1,53 mm
[0.060 in]
Overtravel
3,96 mm [0.156 in]
3,18 mm [0.125 in]
4,75 mm [0.187 in]
3,18 mm [0.125 in]
Operating force
11,1 N [2.5 lb]
35,6 N [8 lb]
Operating
position
64,69 mm [2.547 in]
63,88 mm [2.515 in]
64,69 mm [2.547 in]
63,88 mm [2.515 in]
Actuator
Position
Electric
Rating
Seal boot Switching Options
Right
D
No
SPDT
field adjustable
360° horizontally
BAF1-2RQ9-RH
Left
D
No
SPDT
field adjustable
360° horizontally
BAF1-2RQ9-LH
Right
D
No
DPDT
field adjustable
360° horizontally
DTF2-2RQ9-RH
Left
D
No
DPDT
field adjustable
360° horizontally
DTF2-2RQ9-LH
Right
D
No
SPDT
has o-ring actuator
seal; field adjustable
360° horizontally
BAF1-2RQN8-RH
Left
D
No
SPDT
has o-ring actuator
seal; field adjustable
360° horizontally
BAF1-2RQN8-LH
Right
D
No
DPDT
has o-ring actuator
seal; field adjustable
360° horizontally
DTF2-2RQN8-RH
Left
D
No
DPDT
has o-ring actuator
seal; field adjustable
360° horizontally
DTF2-2RQN8-LH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com