Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAF Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # BAF
Description  High Capacity Enclosed Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

BAF Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

Back Button BAF Datasheet HTML 2Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 3Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 4Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 5Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 6Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 7Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 8Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 9Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 10Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6 Honeywell • Sensing and Control
MICRO SWITCH™ BAF/DTF Series
Manually Actuated Palm
Button
Roller Arm Adjustable
(Reset) Switch
Coil Wobble (Reset)
Switch
Description
Pretravel
–
5,56 mm [0.219 in]
15°
Different. travel
–
–
–
Overtravel
–
6,35 mm [0.25 in]
–
Operating force
8,90 N [2 lb]
6,67 N [1.5 lb]
–
Operating
position
–
60,71 mm [2.390 in]
–
Actuator
Position
Electric
Rating
Seal boot Switching Options
Right
D
Yes
SPDT
field adjustable
360° horizontally
and 180° vertically
BAF1-2RN4-RH
Left
D
Yes
SPDT
field adjustable
360° horizontally
and 180° vertically
BAF1-2RN4-LH
Right
D
Yes
Main-
tained
SPDT
with boot seals
on roller arm and
plunger
BAF1-3RNX2-RH
Left
D
Yes
Main-
tained
SPDT
with boot seals
on roller arm and
plunger
BAF1-3RNX2-LH
Right
D
Yes
Main-
tained
SPDT
with boot seals on
wobble and plunger
BAF1-3CN18X1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com