Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAF Datasheet(PDF) 10 Page - Honeywell Solid State Electronics Center

Part # BAF
Description  High Capacity Enclosed Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

BAF Datasheet(HTML) 10 Page - Honeywell Solid State Electronics Center

Back Button BAF Datasheet HTML 3Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 4Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 5Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 6Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 7Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 8Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 9Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 10Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 11Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10 Honeywell • Sensing and Control
MICRO SWITCH™ BAF/DTF Series
PRODUCT NOMENCLATURE
BA
Switch Type
F1
3-hole,
side mount,
die-cast zinc
Enclosure
Type
F1
3C
0.020 in
0.036 in1
Contact
Gap
2
BA
Series
Enclosed
Basic Switch
SPDT, 20 A
R Standard
R
Contact
—
N Seal boot
Plunger
Type
N
2
X1
Pin
plunger
Maintained
contact with
reset plunger1
Adjustable
roller lever
4
Manual, palm
button
Actuator
Modifications
18
Coil spring
wobble stick
28
One-way
roller lever
RH
Plunger
located to
the left2
Plunger
located to
the right2
Additional
Modifications
LH
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com