Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAF Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # BAF
Description  High Capacity Enclosed Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

BAF Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  BAF Datasheet HTML 1Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 2Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 3Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 4Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 5Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 6Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 7Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 8Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Honeywell • Sensing and Control
3
High Capacity Enclosed Switches
Straight Plunger
Maintained Contact Straight
Plunger (Reset) Switch
Description
Pretravel
2,39 mm [0.094 in]
3,59 mm [0.141 in]
2,39 mm [0.094 in]
Different. travel
0,26 mm [0.010 in]
1,53 mm [0.060 in]
–
Overtravel
5,56 mm [0.219 in]
3,96 mm [0.156 in]
4,45 mm [0.219 in]
Operating force
11,2 N [2.5 lb]
11,2 N [2.5 lb]
7,79 N [1.75 lb]
Operating posi-
tion
53,19 mm ±0,76 mm
[2.094 in ±0.030 in]
52,07 mm ±1,0 mm
[2.05 in ±0.040 in]
–
Actuator
Position
Electric
Rating
Seal boot Switching Options
Right
D
Yes
SPDT
BAF1-2RN-RH
Left
D
Yes
SPDT
BAF1-2RN-LH
Right
B
Yes
DPDT
DTF2-2RN-RH
Left
B
Yes
DPDT
DTF2-2RN-LH
Right
D
Yes
Main-
tained
SPDT
with boot seal on
both top and bottom
plungers
BAF1-3RNX1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com