Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PT-1DITF-R Datasheet(PDF) 103 Page - Micron Technology

Part # EDB8164B4PT-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PT-1DITF-R Datasheet(HTML) 103 Page - Micron Technology

Back Button EDB8164B4PT-1DITF-R Datasheet HTML 99Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 100Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 101Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 102Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 103Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 104Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 105Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 106Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 107Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 152 page
background image
Electrical Specifications – IDD Specifications and Conditions
The following definitions and conditions are used in the IDD measurement tables unless
stated otherwise:
• LOW: VIN ≤ VIL(DC)max
• HIGH: VIN ≥ VIH(DC)min
• STABLE: Inputs are stable at a HIGH or LOW level
• SWITCHING: See the following three tables
Table 61: Switching for CA Input Signals
Notes 1–3 apply to all parameters and conditions
CK_t Rising/
CK_c Fall-
ing
CK_t Fall-
ing/ CK_c
Rising
CK_t Rising/
CK_c Fall-
ing
CK_t Fall-
ing/ CK_c
Rising
CK_t Rising/
CK_c Fall-
ing
CK_t Fall-
ing/ CK_c
Rising
CK_t Rising/
CK_c Fall-
ing
CK_t Fall-
ing/ CK_c
Rising
Cycle
N
N + 1
N + 2
N + 3
CS_n
HIGH
HIGH
HIGH
HIGH
CA0
H
L
L
L
L
H
H
H
CA1
H
H
H
L
L
L
L
H
CA2
H
L
L
L
L
H
H
H
CA3
H
H
H
L
L
L
L
H
CA4
H
L
L
L
L
H
H
H
CA5
H
H
H
L
L
L
L
H
CA6
H
L
L
L
L
H
H
H
CA7
H
H
H
L
L
L
L
H
CA8
H
L
L
L
L
H
H
H
CA9
H
H
H
L
L
L
L
H
Notes:
1. CS# must always be driven HIGH.
2. For each clock cycle, 50% of the CA bus is changing between HIGH and LOW.
3. The noted pattern (N, N + 1, N + 2, N + 3...) is used continuously during IDD measure-
ment for IDD values that require switching on the CA bus.
Table 62: Switching for IDD4R
Clock
CKE
CS_n
Clock Cycle
Number
Command
CA[2:0]
CA[9:3]
All DQ
Rising
H
L
N
Read_Rising
HLH
LHLHLHL
L
Falling
H
L
N
Read_Falling
LLL
LLLLLLL
L
Rising
H
H
N +1
NOP
LLL
LLLLLLL
H
Falling
H
H
N + 1
NOP
HLH
HLHLLHL
L
Rising
H
L
N + 2
Read_Rising
HLH
HLHLLHL
H
Falling
H
L
N + 2
Read_Falling
LLL
HHHHHHH
H
Rising
H
H
N + 3
NOP
LLL
HHHHHHH
H
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Electrical Specifications – IDD Specifications and Conditions
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
103
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com