Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PT-1DITF-R Datasheet(PDF) 104 Page - Micron Technology

Part # EDB8164B4PT-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PT-1DITF-R Datasheet(HTML) 104 Page - Micron Technology

Back Button EDB8164B4PT-1DITF-R Datasheet HTML 100Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 101Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 102Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 103Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 104Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 105Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 106Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 107Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 108Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 152 page
background image
Table 62: Switching for IDD4R (Continued)
Clock
CKE
CS_n
Clock Cycle
Number
Command
CA[2:0]
CA[9:3]
All DQ
Falling
H
H
N + 3
NOP
HLH
LHLHLHL
L
Notes:
1. Data strobe (DQS) is changing between HIGH and LOW with every clock cycle.
2. The noted pattern (N, N + 1...) is used continuously during IDD measurement for IDD4R.
Table 63: Switching for IDD4W
Clock
CKE
CS_n
Clock Cycle
Number
Command
CA[2:0]
CA[9:3]
All DQ
Rising
H
L
N
Write_Rising
HLL
LHLHLHL
L
Falling
H
L
N
Write_Falling
LLL
LLLLLLL
L
Rising
H
H
N +1
NOP
LLL
LLLLLLL
H
Falling
H
H
N + 1
NOP
HLH
HLHLLHL
L
Rising
H
L
N + 2
Write_Rising
HLL
HLHLLHL
H
Falling
H
L
N + 2
Write_Falling
LLL
HHHHHHH
H
Rising
H
H
N + 3
NOP
LLL
HHHHHHH
H
Falling
H
H
N + 3
NOP
HLH
LHLHLHL
L
Notes:
1. Data strobe (DQS) is changing between HIGH and LOW with every clock cycle.
2. Data masking (DM) must always be driven LOW.
3. The noted pattern (N, N + 1...) is used continuously during IDD measurement for IDD4W.
Table 64: IDD Specification Parameters and Operating Conditions
Notes 1–3 apply to all parameters and conditions
Parameter/Condition
Symbol
Power Supply
Notes
Operating one bank active-precharge current (SDRAM): tCK = tCKmin;
tRC = tRCmin; CKE is HIGH; CS_n is HIGH between valid commands; CA bus in-
puts are switching; Data bus inputs are stable
IDD01
VDD1
IDD02
VDD2
IDD0in
VDDQ
4
Idle power-down standby current: tCK = tCKmin; CKE is LOW; CS_n is
HIGH; All banks are idle; CA bus inputs are switching; Data bus inputs are sta-
ble
IDD2P1
VDD1
IDD2P2
VDD2
IDD2P,in
VDDQ
4
Idle power-down standby current with clock stop: CK_t = LOW, CK_c =
HIGH; CKE is LOW; CS_n is HIGH; All banks are idle; CA bus inputs are stable;
Data bus inputs are stable
IDD2PS1
VDD1
IDD2PS2
VDD2
IDD2PS,in
VDDQ
4
Idle non-power-down standby current: tCK = tCKmin; CKE is HIGH; CS_n is
HIGH; All banks are idle; CA bus inputs are switching; Data bus inputs are sta-
ble
IDD2N1
VDD1
IDD2N2
VDD2
IDD2N,in
VDDQ
4
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Electrical Specifications – IDD Specifications and Conditions
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
104
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com