Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PT-1DITF-R Datasheet(PDF) 122 Page - Micron Technology

Part # EDB8164B4PT-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PT-1DITF-R Datasheet(HTML) 122 Page - Micron Technology

Back Button EDB8164B4PT-1DITF-R Datasheet HTML 118Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 119Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 120Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 121Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 122Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 123Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 124Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 125Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 126Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 152 page
background image
Figure 80: Output Driver
To other
circuitry
(RCV, etc.)
Output Driver
Chip in Drive Mode
I
PU
R
ONPU
R
ONPD
I
PD
I
OUT
V
DDQ
V
OUT
DQ
V
SSQ
Output Driver Impedance Characteristics with ZQ Calibration
Output driver impedance is defined by the value of the external reference resistor RZQ.
Typical RZQ is 240 ohms.
Table 83: Output Driver DC Electrical Characteristics with ZQ Calibration
Notes 1–4 apply to all parameters and conditions
RONnom
Resistor
VOUT
Min
Typ
Max
Unit
Notes

Ω
RON34PD
0.5 × VDDQ
0.85
1.00
1.15
RZQ/7
RON34PU
0.5 × VDDQ
0.85
1.00
1.15
RZQ/7

Ω
RON40PD
0.5 × VDDQ
0.85
1.00
1.15
RZQ/6
RON40PU
0.5 × VDDQ
0.85
1.00
1.15
RZQ/6

Ω
RON48PD
0.5 × VDDQ
0.85
1.00
1.15
RZQ/5
RON48PU
0.5 × VDDQ
0.85
1.00
1.15
RZQ/5

Ω
RON60PD
0.5 × VDDQ
0.85
1.00
1.15
RZQ/4
RON60PU
0.5 × VDDQ
0.85
1.00
1.15
RZQ/4

Ω
RON80PD
0.5 × VDDQ
0.85
1.00
1.15
RZQ/3
RON80PU
0.5 × VDDQ
0.85
1.00
1.15
RZQ/3

Ω
(optional)
RON120PD
0.5 × VDDQ
0.85
1.00
1.15
RZQ/2
RON120PU
0.5 × VDDQ
0.85
1.00
1.15
RZQ/2
Mismatch between
pull-up and pull-down
MMPUPD
–15.00
+15.00
%
5
Notes:
1. Applies across entire operating temperature range after calibration.
2. RZQ Ω
3. The tolerance limits are specified after calibration, with fixed voltage and temperature.
For behavior of the tolerance limits if temperature or voltage changes after calibration,
see Output Driver Temperature and Voltage Sensitivity.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Output Driver Impedance
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
122
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com