Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PT-1DITF-R Datasheet(PDF) 124 Page - Micron Technology

Part # EDB8164B4PT-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PT-1DITF-R Datasheet(HTML) 124 Page - Micron Technology

Back Button EDB8164B4PT-1DITF-R Datasheet HTML 120Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 121Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 122Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 123Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 124Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 125Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 126Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 127Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 128Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 152 page
background image
Table 86: Output Driver DC Electrical Characteristics Without ZQ Calibration (Continued)
RONnom
Resistor
VOUT
Min
Typ
Max
Unit

Ω
(optional)
RON120PD
0.5 × VDDQ
0.70
1.00
1.30
RZQ/2
RON120PU
0.5 × VDDQ
0.70
1.00
1.30
RZQ/2
Notes:
1. Applies across entire operating temperature range without calibration.
2. RZQ Ω
Table 87: I-V Curves
Voltage (V)
RON Ω (RZQ)
Pull-Down
Pull-Up
Current (mA) / RON (ohms)
Current (mA) / RON (ohms)
Default Value after
ZQRESET
With Calibration
Default Value after
ZQRESET
With Calibration
Min (mA)
Max (mA)
Min (mA)
Max (mA)
Min (mA)
Max (mA)
Min (mA)
Max (mA)
0.00
0.00
0.00
0.00
0.00
0.00
0.00
0.00
0.00
0.05
0.19
0.32
0.21
0.26
–0.19
–0.32
–0.21
–0.26
0.10
0.38
0.64
0.40
0.53
–0.38
–0.64
–0.40
–0.53
0.15
0.56
0.94
0.60
0.78
–0.56
–0.94
–0.60
–0.78
0.20
0.74
1.26
0.79
1.04
–0.74
–1.26
–0.79
–1.04
0.25
0.92
1.57
0.98
1.29
–0.92
–1.57
–0.98
–1.29
0.30
1.08
1.86
1.17
1.53
–1.08
–1.86
–1.17
–1.53
0.35
1.25
2.17
1.35
1.79
–1.25
–2.17
–1.35
–1.79
0.40
1.40
2.46
1.52
2.03
–1.40
–2.46
–1.52
–2.03
0.45
1.54
2.74
1.69
2.26
–1.54
–2.74
–1.69
–2.26
0.50
1.68
3.02
1.86
2.49
–1.68
–3.02
–1.86
–2.49
0.55
1.81
3.30
2.02
2.72
–1.81
–3.30
–2.02
–2.72
0.60
1.92
3.57
2.17
2.94
–1.92
–3.57
–2.17
–2.94
0.65
2.02
3.83
2.32
3.15
–2.02
–3.83
–2.32
–3.15
0.70
2.11
4.08
2.46
3.36
–2.11
–4.08
–2.46
–3.36
0.75
2.19
4.31
2.58
3.55
–2.19
–4.31
–2.58
–3.55
0.80
2.25
4.54
2.70
3.74
–2.25
–4.54
–2.70
–3.74
0.85
2.30
4.74
2.81
3.91
–2.30
–4.74
–2.81
–3.91
0.90
2.34
4.92
2.89
4.05
–2.34
–4.92
–2.89
–4.05
0.95
2.37
5.08
2.97
4.23
–2.37
–5.08
–2.97
–4.23
1.00
2.41
5.20
3.04
4.33
–2.41
–5.20
–3.04
–4.33
1.05
2.43
5.31
3.09
4.44
–2.43
–5.31
–3.09
–4.44
1.10
2.46
5.41
3.14
4.52
–2.46
–5.41
–3.14
–4.52
1.15
2.48
5.48
3.19
4.59
–2.48
–5.48
–3.19
–4.59
1.20
2.50
5.55
3.23
4.65
–2.50
–5.55
–3.23
–4.65
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Output Driver Impedance
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
124
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com