Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVK-R4 Datasheet(PDF) 8 Page - u-blox AG

Part # EVK-R4
Description  SARA-R4 series cellular evaluation kits
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R4 Datasheet(HTML) 8 Page - u-blox AG

Back Button EVK-R4 Datasheet HTML 4Page - u-blox AG EVK-R4 Datasheet HTML 5Page - u-blox AG EVK-R4 Datasheet HTML 6Page - u-blox AG EVK-R4 Datasheet HTML 7Page - u-blox AG EVK-R4 Datasheet HTML 8Page - u-blox AG EVK-R4 Datasheet HTML 9Page - u-blox AG EVK-R4 Datasheet HTML 10Page - u-blox AG EVK-R4 Datasheet HTML 11Page - u-blox AG EVK-R4 Datasheet HTML 12Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
EVK-R4 - User guide
UBX-16029216 - R08
Starting up
Page 8 of 31
C1-Public
1.2 EVK-R4 block diagram
Figure 4 shows the main interfaces and internal connections of the evaluation kit for SARA-R410M
and SARA-R412M modules:
SIM
card holder
(J300)
Reset
(SW303)
Power-on
(SW302)
SARA-R41xM
adapter board
SARA-R41xM
Cellular
module
EVB-WL3
GNSS
module
GNSS adapter board
RF_IN
USB
UART
converter
Cellular USB
(UART)
(J501)
Cellular RS232
(UART)
(J500)
RS232
UART
converter
UART
MiniUSB/DB9
switch
(SW403)
On-Board/B2B
switch
(SW401)
USB
I2C
Step - Down
Main power switch
(SW400)
12 V
(J400)
3.8 V
VCC jumper
(J404)
LDO
GPIO2/3/4
GNSS switch
(SW304)
ANT
Native
USB
Figure 4: Block diagram of the evaluation kit for SARA-R410M and SARA-R412M modules
Figure 5 shows the main interfaces and internal connections of the evaluation kit for SARA-R422M8S
modules:
SIM
card holder
(J300)
Power-ctrl
(SW302)
SARA-R422M8S
adapter board
SARA-R422M8S
module
EVB-WL3
GNSS
module
GNSS adapter board
RF_IN
USB
UART
converter
Cellular USB
(Main UART + TXD_GNSS)
(J501)
Cellular RS232
(Main UART)
(J500)
RS232
UART
converter
UART
TXD_GNSS
MiniUSB/DB9
switch
(SW403)
On-board/B2B
switch
(SW401)
USB
I2C
Step - down
Main power switch
(SW400)
12 V
(J400)
3.8 V
VCC jumper
(J404)
LDO
GPIO2/3/4
GNSS switch
(SW304)
Native
USB
(J105)
CEL
ANT
(J106)
Cellular USB
(two UARTs)
(J201)
GNSS
ANT
(J112)
USB/UART
converter
VCC jumper
(J109)
UART
(J248)
TXD_GNSS
Figure 5: Block diagram of the evaluation kit for SARA-R422M8S modules
The EVK-R4 is formed by three boards:
1.
The lower one, called EVB-WL3, contains the power supply and other peripherals for the SARA-R4
series cellular module (SIM card holder, reset button and power-on / power-ctrl button).
2.
The cellular adapter board, called ADP-R4, contains the SARA-R4 cellular module, antenna
connectors for the cellular RF interface and the GNSS RF interface1 of the SARA-R4 module, USB
connectors for the two UART interfaces1 and the USB interface of the SARA-R4 module, and the
DIL header connectors (J300 and J301) making accessible interfaces of the SARA-R4 module.
3.
The GNSS adapter board, called ADP-GNSS, contains the u-blox NEO-M8N GNSS module, the
GNSS antenna connector and the USB connector for the u-blox NEO-M8N GNSS module.
1 EVK-R422M8S only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com