Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVK-R4 Datasheet(PDF) 11 Page - u-blox AG

Part # EVK-R4
Description  SARA-R4 series cellular evaluation kits
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R4 Datasheet(HTML) 11 Page - u-blox AG

Back Button EVK-R4 Datasheet HTML 7Page - u-blox AG EVK-R4 Datasheet HTML 8Page - u-blox AG EVK-R4 Datasheet HTML 9Page - u-blox AG EVK-R4 Datasheet HTML 10Page - u-blox AG EVK-R4 Datasheet HTML 11Page - u-blox AG EVK-R4 Datasheet HTML 12Page - u-blox AG EVK-R4 Datasheet HTML 13Page - u-blox AG EVK-R4 Datasheet HTML 14Page - u-blox AG EVK-R4 Datasheet HTML 15Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
EVK-R4 - User guide
UBX-16029216 - R08
Starting up
Page 11 of 31
C1-Public
Function
Description
LED # Board
Color
Cellular USB
(two UARTs)
USB cable plugged in the Cellular USB connector (J201) on the
ADP-R4, for access to the two UART interfaces of SARA-R422M8S
DS201 ADP-R42
GNSS VCC supply
NEO-M8N GNSS module supply is turned ON
DS118 ADP-GNSS
GNSS USB
USB cable plugged into the GNSS USB connector for NEO-M8N
DS124 ADP-GNSS
NEO GNSS Timepulse
NEO-M8N GNSS TimePulse output
DS121 ADP-GNSS
Cellular / GNSS I2C
Cellular / GNSS module communication over the DDC (I2C) interface
DS132 ADP-GNSS
Table 2: EVK-R4 LED descriptions
1.5 Connectors
Function
Description
Name
Board
9 - 18 V Power Input
Connector for the AC / DC power adapter of the EVK
AC: 100-240 V, 0.8 A, 50-60 Hz / DC: +12 V, 2.5 A
IEC 60417-5172
Class II equipment
J400
EVB
SIM card holder
SIM card holder
J300
EVB
Cellular USB
(main UART)
Mini USB connector for the cellular module main UART interface converted
as a USB interface
J501
EVB
Cellular RS232
(main UART)
DB9 connector for the cellular module main UART interface converted as an
RS232 interface
J500
EVB
Cellular antenna
SMA connector for the cellular module antenna (ANT, Tx/Rx)
J106
ADP-R42
J103
ADP-R41
GNSS antenna
(for SARA-R422M8S)
SMA connector for the GNSS antenna to be connected to the GNSS RF
input of the SARA-R422M8S module (ANT_GNSS)
J112
ADP-R42
Cellular native USB
Mini USB connector for the cellular module native USB interface
J105
ADP-R42
J104
ADP-R41
Cellular USB
(two UARTs)
Mini USB connector for the two UART interfaces of the SARA-R422M8S
module converted as a USB interface
J201
ADP-R42
DIL B2B headers
Dual-in-line board-to-board connectors for cellular module interfaces
J300, J301 ADP-R4x
GNSS antenna
(for NEO-M8N)
SMA connector for the GNSS antenna to be connected to the GNSS RF
input of the NEO-M8N GNSS module (RF_IN)
J208
ADP-GNSS
GNSS USB
Mini USB connector for the GNSS module USB interface
J102
ADP-GNSS
GNSS backup battery Backup battery socket for the GNSS module (under GNSS adapter board)
BT200
EVB
Cellular headset
Audio headset jack connector for the cellular module audio interface
J303
EVB
GND
Ground terminals for the probe reference
J402, J403
J405, J406
EVB
Table 3: EVK-R4 connector descriptions
⚠ Caution! In the unlikely event of a failure in the internal protection circuitry, there is a risk of
explosion when charging a fully or partially discharged battery. Replace the battery when it no
longer has a sufficient charge for unit operation. Control the battery before use if the device has
not been used for an extended period.
⚠ Caution! Risk of explosion if the battery is replaced with an incorrect type. Dispose of used
batteries according to the instructions!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com