Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVK-R4 Datasheet(PDF) 18 Page - u-blox AG

Part # EVK-R4
Description  SARA-R4 series cellular evaluation kits
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R4 Datasheet(HTML) 18 Page - u-blox AG

Back Button EVK-R4 Datasheet HTML 14Page - u-blox AG EVK-R4 Datasheet HTML 15Page - u-blox AG EVK-R4 Datasheet HTML 16Page - u-blox AG EVK-R4 Datasheet HTML 17Page - u-blox AG EVK-R4 Datasheet HTML 18Page - u-blox AG EVK-R4 Datasheet HTML 19Page - u-blox AG EVK-R4 Datasheet HTML 20Page - u-blox AG EVK-R4 Datasheet HTML 21Page - u-blox AG EVK-R4 Datasheet HTML 22Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
EVK-R4 - User guide
UBX-16029216 - R08
Appendix
Page 18 of 31
C1-Public
Appendix
A Setting up AT terminal applications for
communication with the EVK-R4
The u-blox m-center cellular module evaluation tool is a powerful platform for evaluating, configuring
and testing u-blox cellular products. m-center includes an AT commands terminal for communication
with the device and can be downloaded free-of-charge from our website (http://www.u-blox.com).
1.
Follow the board setup instructions in section 1.10 to provide all the required connections and
switching on the cellular module.
2.
Run the m-center tool: after the m-center start-up, the Home page appears.
3.
On the Home page, set up the AT COM port;
for the setting values, see section 1.10.
Check with the Windows Device Manager to
find out which COM port is being used by the
EVK-R4.
Figure 7: “Home” page
4.
Enable the connection to the u-blox cellular
module by clicking on the Connect button.
5.
Retrieve the module and network information
by clicking on the Get Info button.
6.
The module information is retrieved and
displayed on the Home page.
7.
Click on the AT Terminal button, found at the
upper right of the Home page. A new window
opens and the AT command terminal is now
ready for communication with the EVK-R4.
Figure 8: AT terminal window
8.
The AT terminal is ready to use.
For the complete list of AT commands
supported by the modules and their syntax,
see the SARA-R4 series AT commands
manual [1].
For more information on using the u-blox m-center cellular module evaluation tool, press the F1 key
on the keyboard to open the m-center help window on the computer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com