Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVK-R4 Datasheet(PDF) 27 Page - u-blox AG

Part # EVK-R4
Description  SARA-R4 series cellular evaluation kits
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R4 Datasheet(HTML) 27 Page - u-blox AG

Back Button EVK-R4 Datasheet HTML 23Page - u-blox AG EVK-R4 Datasheet HTML 24Page - u-blox AG EVK-R4 Datasheet HTML 25Page - u-blox AG EVK-R4 Datasheet HTML 26Page - u-blox AG EVK-R4 Datasheet HTML 27Page - u-blox AG EVK-R4 Datasheet HTML 28Page - u-blox AG EVK-R4 Datasheet HTML 29Page - u-blox AG EVK-R4 Datasheet HTML 30Page - u-blox AG EVK-R4 Datasheet HTML 31Page - u-blox AG  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
EVK-R4 - User guide
UBX-16029216 - R08
Appendix
Page 27 of 31
C1-Public
D.2 EVK-R422M8S
The current consumption of the SARA-R422M8S modules can be measured on the EVK-R4 by
removing the jumper socket from the Cellular VCC supply jumper J109 available on the ADP-R4, as
illustrated in Figure 12.
Cellular VCC supply jumper socket (J109)
to be removed for SARA-R422M8Smodule
current consumption measurements
Figure 12: Jumper socket to be removed for SARA-R422M8S modules current consumption measurement
A suitable external digital multi-meter (as the Keysight 34465A, 34410A or 34411A) can be used for
current consumption measurements. In this case, the 3.8 V supply circuit on the EVB will supply the
SARA-R4 module, with the digital multi-meter placed in series, as illustrated in Figure 13.
SARA-R4 adapter board
SARA-R4
Cellular
module
EVB-WL3
Step - down
Main power switch
(SW400)
12 V
(J400)
3.8 V
VCC jumper
(J109)
VCC
Digital multimeter
DCI
+
–
VCC jumper
(J404)
Figure 13: Block diagram of current consumption setup for SARA-R422M8S modules
Alternatively, a suitable external DC power supply with the dynamic current measurement capabilities
(as for example, the portable and cheap Qoitech Otii Arc, or the more accurate Keysight N6705B, or
the models designed for mobile communications Keysight 66319B/D or 66321B/D) can be used for
current consumption measurements, acting also as the 3.8 V supply source for the SARA-R4 module
mounted on the adapter board, as illustrated in Figure 14.
SARA-R4 adapter board
SARA-R4
Cellular
module
EVB-WL3
Step - down
Main power switch
(SW400)
12 V
(J400)
3.8 V
VCC jumper
(J109)
VCC
Power analyzer
PSU
VCC jumper
(J404)
+
GND
GND
Figure 14: Block diagram of current consumption setup for SARA-R422M8S using a DC power analyzer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com