Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVK-R4 Datasheet(PDF) 16 Page - u-blox AG

Part # EVK-R4
Description  SARA-R4 series cellular evaluation kits
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R4 Datasheet(HTML) 16 Page - u-blox AG

Back Button EVK-R4 Datasheet HTML 12Page - u-blox AG EVK-R4 Datasheet HTML 13Page - u-blox AG EVK-R4 Datasheet HTML 14Page - u-blox AG EVK-R4 Datasheet HTML 15Page - u-blox AG EVK-R4 Datasheet HTML 16Page - u-blox AG EVK-R4 Datasheet HTML 17Page - u-blox AG EVK-R4 Datasheet HTML 18Page - u-blox AG EVK-R4 Datasheet HTML 19Page - u-blox AG EVK-R4 Datasheet HTML 20Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
EVK-R4 - User guide
UBX-16029216 - R08
Starting up
Page 16 of 31
C1-Public
Type of connections
SW401
SW403
J248
LED
Access to the main UART of SARA-R4 modules, and the
GNSS UART output of SARA-R422M8S modules, over the
Cellular USB mini USB connector on the EVB-WL3 (J501)
ON BOARD MINIUSB
Jumper socket on pins 1-2
DL403
DL501
Access to the main UART of SARA-R4 modules over the
Cellular RS232 DB9 connector on the EVB-WL3 (J500)
ON BOARD DB9
Jumper socket on pins 1-2
DL405
Access to UART(s) accessible on the DIL Board-to-Board
header connector on the top of the adapter board (J301),
with UART(s) detached from the mini USB (J501) and
RS232 (J500) connectors on EVB-WL3, and detached
from the mini USB (J201) connector on the ADP-R42
B2B
Do not care No jumper socket
DL404
Access to the two UART of SARA-R42 modules over the
Cellular USB mini USB connector on the ADP-R42 (J201),
with UARTs detached from mini USB (J501) and RS232
(J500) connectors on EVB-WL3
B2B
Do not care Jumper socket on pins 2-3
DL404
DS201
Table 7: Serial interface configuration
Run an AT terminal application (e.g. the u-blox m-center tool), and select the AT COM port with
the following settings:
o
Data rate: 115,200 bit/s
o
Data bits: 8
o
Parity: N
o
Stop bits: 1
o
Flow control: HW
See Appendix A for how to configure the u-blox m-center AT terminal for Windows.
8.
To access the cellular module via USB interface, connect a USB cable to the Cellular native USB
connector on the ADP-R4. The related LED DS100 lights blue.
After the end of modules’ boot (refer to point 9 for the procedure to switch-on the cellular
module), the ports listed in Table 8 are enabled by the Windows USB driver (details as the
numbering of the ports can be seen via the Windows Device Manager):
Type
Remarks
Modems
AT command interface and data communication 5
Ports (COM & LPT)
Diagnostic purpose
Table 8: Cellular USB interface configuration
For AT communication with the SARA-R410M and SARA-R412M modules, run an AT terminal
application (e.g. the u-blox m-center tool) and select the AT modem port, with these settings
o
Data rate: 115,200 bit/s
o
Data bits: 8
o
Parity: N
o
Stop bits: 1
o
Flow control: HW
See Appendix A for how to configure the u-blox m-center AT terminal for Windows.
9.
To switch on the cellular module, press the Cellular Power-on / Power-ctrl button (SW302 on the
EVB-WL3 board).
5 SARA-R410M and SARA-R412M modules only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com