Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVK-R4 Datasheet(PDF) 26 Page - u-blox AG

Part # EVK-R4
Description  SARA-R4 series cellular evaluation kits
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R4 Datasheet(HTML) 26 Page - u-blox AG

Back Button EVK-R4 Datasheet HTML 22Page - u-blox AG EVK-R4 Datasheet HTML 23Page - u-blox AG EVK-R4 Datasheet HTML 24Page - u-blox AG EVK-R4 Datasheet HTML 25Page - u-blox AG EVK-R4 Datasheet HTML 26Page - u-blox AG EVK-R4 Datasheet HTML 27Page - u-blox AG EVK-R4 Datasheet HTML 28Page - u-blox AG EVK-R4 Datasheet HTML 29Page - u-blox AG EVK-R4 Datasheet HTML 30Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
EVK-R4 - User guide
UBX-16029216 - R08
Appendix
Page 26 of 31
C1-Public
D Current consumption measurement
D.1 EVK-R410M and EVK-R412M
The current consumption of the SARA-R410M and SARA-R412M modules can be measured on the
EVK-R4 by removing the jumper socket from the Cellular VCC supply jumper J404 available on the
EVB-WL3 as illustrated in Figure 9.
Cellular VCC supply jumper socket (J404)
to be removed for SARA-R41xM module
current consumption measurements
Figure 9: Jumper socket to be removed for SARA-R410M / SARA-R412M modules current consumption measurement
A suitable external digital multi-meter (as the Keysight 34465A, 34410A or 34411A) can be used for
current consumption measurements. In this case, the 3.8 V supply circuit on the EVB will supply the
SARA-R4 module, with the multi-meter placed in series as illustrated in Figure 10.
SARA-R4 adapter board
SARA-R4
Cellular
module
EVB-WL3
Step - down
Main power switch
(SW400)
12 V
(J400)
3.8 V
VCC jumper
(J404)
VCC
Digital multimeter
DCI
+
–
Figure 10: Block diagram of current consumption setup for SARA-R410M / SARA-R412M modules using a multimeter
Alternatively, a suitable external DC power supply with the dynamic current measurement capabilities
(as for example, the portable and cheap Qoitech Otii Arc, or the more accurate Keysight N6705B, or
the models designed for mobile communications Keysight 66319B/D or 66321B/D) can be used for
current consumption measurements, acting also as the 3.8 V supply source for the SARA-R4 module
mounted on the adapter board, as illustrated in Figure 11.
SARA-R4 adapter board
SARA-R4
Cellular
module
EVB-WL3
Step - down
Main power switch
(SW400)
12 V
(J400)
3.8 V
VCC jumper
(J404)
VCC
Power analyzer
PSU
GND
GND
+
Figure 11: Block diagram of current consumption setup for SARA-R410M / SARA-R412M modules using a DC power analyzer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com