Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMIPID02/TR Datasheet(PDF) 48 Page - STMicroelectronics

Part # STMIPID02/TR
Description  Dual mode MIPI CSI-2 / SMIA CCP2 de-serializer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMIPID02/TR Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STMIPID02/TR Datasheet HTML 42Page - STMicroelectronics STMIPID02/TR Datasheet HTML 43Page - STMicroelectronics STMIPID02/TR Datasheet HTML 44Page - STMicroelectronics STMIPID02/TR Datasheet HTML 45Page - STMicroelectronics STMIPID02/TR Datasheet HTML 46Page - STMicroelectronics STMIPID02/TR Datasheet HTML 47Page - STMicroelectronics STMIPID02/TR Datasheet HTML 48Page - STMicroelectronics STMIPID02/TR Datasheet HTML 49Page - STMicroelectronics STMIPID02/TR Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
Contents
1
Block diagram .....................................................................3
2
Application diagrams ..............................................................4
3
Output interface ...................................................................5
4
Control interface...................................................................7
5
Application examples ..............................................................8
6
Key technical specifications .......................................................9
7
Ball assignment and description ..................................................10
8
Functional description ............................................................12
8.1
Power up sequence ........................................................... 12
8.2
User modes .................................................................. 13
8.2.1
Standard modes ........................................................ 13
8.2.2
Bypass modes ......................................................... 13
8.3
CSI2 limitations ............................................................... 13
8.4
Sensor switching mechanism ................................................... 14
8.5
Error signal................................................................... 14
8.6
INT signal .................................................................... 14
9
Register description ..............................................................15
9.1
Clock lane 1 registers .......................................................... 15
9.2
Data lane 1.1 controls.......................................................... 16
9.3
Data lane 1.2 controls.......................................................... 18
9.4
Clock lane 2 registers .......................................................... 20
9.5
Data lane 2 controls ........................................................... 22
9.6
CCP RX and error flag registers ................................................. 24
9.7
Mode control registers ......................................................... 26
9.8
Clock control registers ......................................................... 29
9.9
System error registers ......................................................... 29
9.10
Data pipe information .......................................................... 30
10
Generic script ....................................................................34
11
Electrical characteristics..........................................................35
STMIPID02
Contents
DS12803 - Rev 1
page 48/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com