Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMIPID02/TR Datasheet(PDF) 40 Page - STMicroelectronics

Part # STMIPID02/TR
Description  Dual mode MIPI CSI-2 / SMIA CCP2 de-serializer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMIPID02/TR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STMIPID02/TR Datasheet HTML 36Page - STMicroelectronics STMIPID02/TR Datasheet HTML 37Page - STMicroelectronics STMIPID02/TR Datasheet HTML 38Page - STMicroelectronics STMIPID02/TR Datasheet HTML 39Page - STMicroelectronics STMIPID02/TR Datasheet HTML 40Page - STMicroelectronics STMIPID02/TR Datasheet HTML 41Page - STMicroelectronics STMIPID02/TR Datasheet HTML 42Page - STMicroelectronics STMIPID02/TR Datasheet HTML 43Page - STMicroelectronics STMIPID02/TR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
11.5.4
Parallel output interface timing
Figure 14. Parallel output interface timing diagram - inverted clock
1/fPCLK
PCLK
D[11:0],
HSYNC, VSYNC
tDV
Valid
tR
Figure 15. Parallel output interface timing diagram - non inverted clock
1/fPCLK
PCLK
D[11:0],
HSYNC, VSYNC
tDV
Valid
tF
Note:
For Non-inverted clock mode, the valid edge to capture is the negative (falling) edge
For RAW6/RAW7 dual lane, the bandwith is limited to 800 Mbps.
Table 16. Parallel output interface timing
Symbol
Description
Conditions
Min.
Typ.
Max.
Unit
fPCLK
PCLK frequency
200
MHz
DPCLK
PCLK duty
cycle
No bypass,
RAW6 dual lane
50
%
No bypass,
RAW7 dual lane
66
No bypass,
RAW7 dual
lane, jittered
clock
50-60
No bypass,
RAW7 single
lane
57.14
Bypass and all
other modes
45
50
55
tR
PCLK rise time,
20 % - 80 %
Load
capacitance, CL
= 50 pF
2.1
ns
tDV
PCLK to output
valid
0
2
STMIPID02
AC electrical characteristics
DS12803 - Rev 1
page 40/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com