Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMIPID02/TR Datasheet(PDF) 35 Page - STMicroelectronics

Part # STMIPID02/TR
Description  Dual mode MIPI CSI-2 / SMIA CCP2 de-serializer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMIPID02/TR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STMIPID02/TR Datasheet HTML 31Page - STMicroelectronics STMIPID02/TR Datasheet HTML 32Page - STMicroelectronics STMIPID02/TR Datasheet HTML 33Page - STMicroelectronics STMIPID02/TR Datasheet HTML 34Page - STMicroelectronics STMIPID02/TR Datasheet HTML 35Page - STMicroelectronics STMIPID02/TR Datasheet HTML 36Page - STMicroelectronics STMIPID02/TR Datasheet HTML 37Page - STMicroelectronics STMIPID02/TR Datasheet HTML 38Page - STMicroelectronics STMIPID02/TR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
11
Electrical characteristics
For all CSI2 electrical characteristics, please refer to the MIPI Camera Serial Interface Version 2 (CSI-2).
11.1
Absolute maximum ratings
Table 5. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDDE_1V8
Digital I/O supply
-0.5 to 2.8
V
VDDIN_LDO
Voltage regulator supply
-0.5 to 2.8
Voltage on any signal ball
-0.5 to (VDD + 0.5)
IDD
Supply current
100
mA
Current on any signal ball
10
TSTO
Storage temperature
-40 to 150
˚C
TLEAD
Lead temperature (soldering, 10 s)
260
Caution:
Stresses above those listed under the “Absolute maximum ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
11.2
Operating conditions
Table 6. Operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDDE_1V8
Digital I/O supply
1.7
1.8
1.9
V
VDDIN_LDO
Voltage regulator supply
1.7
1.8
1.9
TA
Ambient temperature
-25
70
°C
CREG
LDO output load
capacitor, ESR <1Ω @
100 kHz
1
µF
CEXT
1.2 V decoupling
capacitor
10
nF
11.3
Thermal data
Table 7. Thermal data
Symbol
Parameter
Value
Unit
Rth(j-a)
Max. junction-ambient thermal resistance - VFBGA49 (1)
58.4
˚C/W
1. Typical, measured with the component mounted on an evaluation PC board in free air
STMIPID02
Electrical characteristics
DS12803 - Rev 1
page 35/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com