Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMIPID02/TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STMIPID02/TR
Description  Dual mode MIPI CSI-2 / SMIA CCP2 de-serializer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMIPID02/TR Datasheet(HTML) 5 Page - STMicroelectronics

  STMIPID02/TR Datasheet HTML 1Page - STMicroelectronics STMIPID02/TR Datasheet HTML 2Page - STMicroelectronics STMIPID02/TR Datasheet HTML 3Page - STMicroelectronics STMIPID02/TR Datasheet HTML 4Page - STMicroelectronics STMIPID02/TR Datasheet HTML 5Page - STMicroelectronics STMIPID02/TR Datasheet HTML 6Page - STMicroelectronics STMIPID02/TR Datasheet HTML 7Page - STMicroelectronics STMIPID02/TR Datasheet HTML 8Page - STMicroelectronics STMIPID02/TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
3
Output interface
The output interface is used to transfer image data from the STMIPID02 to the host.
Features
•
CCIR601 compliant
•
12-bit data with pixel clock, HSYNC and VSYNC (external synchronization signals)
•
Up to 200 MHz pixel clock, giving a data rate of 1.6 Gbit/s
•
Programmable polarity of synchronization signals
•
Tristate output control for multiple camera systems
By default, VSYNC envelopes all lines of valid image data. HSYNC is active on all lines including vertical frame
blanking period.
HSYNC and VSYNC output polarities are programmable. The description and the figures below assume the
default polarity.
The host uses the rising edge of the PCLK to sample both the data and the synchronization lanes.
Since the output data bus is 12 bits wide, for an output stream of less than 12 bits per pixel, the data can be
placed on lower or upper bits of the bus. This is controlled by the Mode_Reg1[7] (address 0x14).
Table 1. Image format vs. number of bits on output interface
Image format received
Data type to be programmed in STMIPID02
Number of bits on parallel output of
STMIPID02
RAW6
RAW6
6 bits
RAW7
RAW7
7 bits
RAW8
RAW8
8bits
RAW10
RAW10
10 bits
RAW12
RAW12
12 bits
RAW10 (as 10-6 compressed) RAW6 (with decompression 6-10 enabled)
10 bits
RAW10 ( as 10-7)
RAW7 (with decompression 7-10 enabled)
10 bits
RAW10 (as 10-8)
RAW8 (with decompression 8-10 enabled)
10 bits
RAW12 (as 12-10)
RAW10 (with decompression 10-12 enabled) 12 bits
RAW12 (as 12-8)
RAW8 (with decompression 8-12 enabled)
12 bits
RAW12 (as 12-7)
RAW8 (with decompression 7-12 enabled)
12 bits
RAW12 (as 12-6)
RAW8 (with decompression 6-12 enabled)
12 bits
RGB565
RAW8
8 bits
RGB888
RAW8
8 bits
RGB444
RAW8
8 bits
YUV420 8 bits
RAW8
8 bits
YUV422 8 bits
RAW8
8 bits
YUV420 10 bits
RAW10
10 bits
STMIPID02
Output interface
DS12803 - Rev 1
page 5/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com