Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMIPID02/TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STMIPID02/TR
Description  Dual mode MIPI CSI-2 / SMIA CCP2 de-serializer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMIPID02/TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STMIPID02/TR Datasheet HTML 5Page - STMicroelectronics STMIPID02/TR Datasheet HTML 6Page - STMicroelectronics STMIPID02/TR Datasheet HTML 7Page - STMicroelectronics STMIPID02/TR Datasheet HTML 8Page - STMicroelectronics STMIPID02/TR Datasheet HTML 9Page - STMicroelectronics STMIPID02/TR Datasheet HTML 10Page - STMicroelectronics STMIPID02/TR Datasheet HTML 11Page - STMicroelectronics STMIPID02/TR Datasheet HTML 12Page - STMicroelectronics STMIPID02/TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
6
Key technical specifications
Table 2. Technical specifications
Technology
ST 65 nm CMOS
Pixel format(s)
SMIA: RAW6, RAW7, RAW8, RAW10, and RAW12
SMIA: 8-10, 7-10, 6-10, 8-12, 7-12, 6-12 DPCM/PCM
decompression
MIPI CSI-2: RAW6, RAW7, RAW8, RAW10, and RAW12 YUV,
RGB, JPEG
Input video interface(s)
MIPI CSI-2 interface (2x800 Mbps + 1x800 Mbps)
SMIA CCP2 Interface (1x208 Mbps Class 0 + 1x650 Mbps -
Class 2)
Output video interface(s)
1V8, 200 MHz, 12-bit parallel interface + VSYNC, HSYNC,
and PCLK
Control interface
100/400 kHz I2C
Clock input
6.0 MHz to 27 MHz
Supply voltage
Digital IO: 1.7 V - 1.9 V
Power consumption
TBC
Package type
VFBGA 3x 3x1 mm, 49 ball, F7x7 pitch, 0.4 mm ball 0.25 mm
Package size
3.0 mm x 3.0 mm x 1.0 mm (wlh)
Device address
0x28
STMIPID02
Key technical specifications
DS12803 - Rev 1
page 9/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com