Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMIPID02/TR Datasheet(PDF) 37 Page - STMicroelectronics

Part # STMIPID02/TR
Description  Dual mode MIPI CSI-2 / SMIA CCP2 de-serializer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMIPID02/TR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STMIPID02/TR Datasheet HTML 33Page - STMicroelectronics STMIPID02/TR Datasheet HTML 34Page - STMicroelectronics STMIPID02/TR Datasheet HTML 35Page - STMicroelectronics STMIPID02/TR Datasheet HTML 36Page - STMicroelectronics STMIPID02/TR Datasheet HTML 37Page - STMicroelectronics STMIPID02/TR Datasheet HTML 38Page - STMicroelectronics STMIPID02/TR Datasheet HTML 39Page - STMicroelectronics STMIPID02/TR Datasheet HTML 40Page - STMicroelectronics STMIPID02/TR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
Table 10. Power supply specifications for VDDE_1V8
Symbol
Parameter
Test conditions
Typ.
Max.
Unit
IDDPD
VDD supply current
in Power down
mode
VDD = max; PDN <
VIL
1
50
µA
IDDBYPASS
VDD supply current
in Bypass mode
VDD = max; image
format = RAW8;
input/ouput data
rate = 1.6 Gbps
CSI dual
11
15
mA
IDDNORMAL
VDD supply current
in Normal mode
VDD = max; CCP
RAW10 640 Mbps
11
25
VDD = max; CSI
single RAW10 800
Mbps
12
25
VDD = max; CSI
dual RAW12 1.6
Gbps
18
30
Table 11. CCP2 class 2 receiver electrical characteristics
For further information on CCP2, please refer to the SMIA 1.0 Part 2: CCP2 Specification Available from http://
www.smiaforum.org
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCMI_SMIA
Input common
mode voltage
range
Embedded RTI
= 100 Ω ± 10 %
0.65
0.95
1.15
V
VIDTH_SMIA
Input differential
threshold (VP -
VN)
±50
±200
mV
tPWRUP/tPWRDN
Power up/-down
time
20
µs
RTI
Embedded
termination
resistance
80
100
125
Ω
11.5
AC electrical characteristics
11.5.1
EXTCLK
VEXTCLKAC and VEXTCLKDC are defined in Table 8. I/O electrical characteristics
Table 12. EXTCLK electrical characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
fEXTCLK
Clock frequency
input, 50 % duty
cycle - VDDE_1V8
referred
6
13
27
MHz
STMIPID02
AC electrical characteristics
DS12803 - Rev 1
page 37/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com