Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7576B Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7576B
Description  Dual bridge MOSFET power amplifier for 24 V systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7576B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7576B Datasheet HTML 2Page - STMicroelectronics TDA7576B Datasheet HTML 3Page - STMicroelectronics TDA7576B Datasheet HTML 4Page - STMicroelectronics TDA7576B Datasheet HTML 5Page - STMicroelectronics TDA7576B Datasheet HTML 6Page - STMicroelectronics TDA7576B Datasheet HTML 7Page - STMicroelectronics TDA7576B Datasheet HTML 8Page - STMicroelectronics TDA7576B Datasheet HTML 9Page - STMicroelectronics TDA7576B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Pins description
TDA7576B
6/17
Doc ID 023511 Rev 3
2
Pins description
Figure 3.
Pins connection (top view)
Table 2.
Pins information
Pin
number
Pin name
Description
Type
Max. applicable
voltage
1
CD
Clip Detector
Open collector output
-0.3/VS
2
OD
Offset Detector
Open collector output
-0.3/VS
3
IN2
Left channel input
Input
-0.3/5 V
4
SVR
SVR
Output
-0.3/20 V
5
PGND2
Power ground 2
Ground
-0.3/0.3
6
OUT2
Left channel output
Output
N.A.
7
VCC2
Supply voltage 2
Supply
-0.3/VS
8
SGND
Signal ground
Ground
-0.3/0.3
9
HVCC
Half supply voltage buffer Output
N.A.
10
PGND1
Power ground 1
Ground
-0.3/0.3
11
OUT1
Right channel output
Output
N.A.
12
VCC1
Supply voltage 1
Supply
-0.3/VS
13
STBY
STBY pin
Input
-0.3/VS
14
IN1
Right channel input
Input
-0.3/5 V
15
PM
Play/Mute pin
Input
-0.3/5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com