Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7576B Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7576B
Description  Dual bridge MOSFET power amplifier for 24 V systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7576B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7576B Datasheet HTML 3Page - STMicroelectronics TDA7576B Datasheet HTML 4Page - STMicroelectronics TDA7576B Datasheet HTML 5Page - STMicroelectronics TDA7576B Datasheet HTML 6Page - STMicroelectronics TDA7576B Datasheet HTML 7Page - STMicroelectronics TDA7576B Datasheet HTML 8Page - STMicroelectronics TDA7576B Datasheet HTML 9Page - STMicroelectronics TDA7576B Datasheet HTML 10Page - STMicroelectronics TDA7576B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TDA7576B
Electrical specification
Doc ID 023511 Rev 3
7/17
3
Electrical specification
3.1
Absolute maximum ratings
3.2
Thermal data
3.3
Electrical characteristics
Refer to the test circuit; VS = 28 V; RL = 4 , Tamb = 25 °C, f = 1 kHz, Rg = 0, unless
otherwise specified.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Operating supply voltage
32
V
VSPK
Peak supply voltage (t = 50 ms) not operating
60
V
VDCS
Not operating max. DC supply voltage
36
V
PGND,
SGND
Ground pins
-0.3 to 0.3
V
VCC
Supply voltage
-0.3 to Vs
V
SVR
Supply voltage rejection filter
-0.3 to 20
V
IN1, IN2
Inputs
-0.3 to 5
V
OD, CD
Offset detector, clip detector pins
-0.3 to Vs
V
PM
Play-mute pin
-0.3 to 5
V
Ptot
(1)
1.
Refer to Section 5 for detailed description of this value.
Power dissipation at Tcase = 85 °C
85
W
Tstg, Tj
Storage and junction temperature range
-40 to 150
C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
Rth j-case Thermal resistance junction-to-case
Max.
2
°C/W
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
General
VS
Supply voltage
-
8
-
32
V
Iq
Total quiescent current
RL = 
-
90
130
mA
IST-BY
Standby current consumption
0 < VST_BY < 1.2 V
-
-
10
µA
RIN
Input impedance
-
50
55
-
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com