Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7576B Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7576B
Description  Dual bridge MOSFET power amplifier for 24 V systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7576B Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7576B Datasheet HTML 4Page - STMicroelectronics TDA7576B Datasheet HTML 5Page - STMicroelectronics TDA7576B Datasheet HTML 6Page - STMicroelectronics TDA7576B Datasheet HTML 7Page - STMicroelectronics TDA7576B Datasheet HTML 8Page - STMicroelectronics TDA7576B Datasheet HTML 9Page - STMicroelectronics TDA7576B Datasheet HTML 10Page - STMicroelectronics TDA7576B Datasheet HTML 11Page - STMicroelectronics TDA7576B Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical specification
TDA7576B
8/17
Doc ID 023511 Rev 3
VOS
Offset voltage
-
-100
-
+100
mV
Vdth
Dump threshold
-
36
37.5
39
V
ID
Dump current
VS = 60 V
-
18
40
mA
Audio section
Po
Output power
THD = 1 %
20
22
-
W
THD = 10 %
25
28
-
Po max.
Max. output power(1)
-43
45
-
W
THD
Distortion
Po = 4 W; f = 1 kHz
-
0.05
0.1
%
CT
Cross talk
f = 1 kHz; Po = 4 W
f = 10 kHz; Po = 4 W
50
45
65
60
-
dB
dB
Gv
Voltage gain
25
26
27
dB
ENO
Output noise voltage(2)
Amplifier in Mute
-
60
100
µV
SVR
Supply voltage rejection
f = 1 kHz; VR = 1 Vpk
-
50
-
dB
Standby
VSB IN
Standby input threshold voltage
-
-
-
1.2
V
VSB OUT
Standby output threshold voltage
-
2.6
-
-
V
ASB
Standby attenuation
-
90
110
-
dB
IPIN
Standby pin current
Play mode
-1
-
1
µA
Mute pin
AM
Mute attenuation
-
90
100
-
dB
VM IN
Mute input threshold voltage
(Amp: Mute)
-
-
1.2
V
VM OUT
Mute output threshold voltage
(Amp: Play)
2.6
-
-
V
VAM in
VS automute threshold
Amp: play,
attenuation = -3 dB
Vout = 2 Vrms; f = 1 kHz
6.7
7.25
8
V
Clipping detector(3)
CDTHD
Clipping detector THD level
10 V < Vs < 32 V
-
2
-
%
CDSAT
Clipping detector saturation
voltage
10 V < Vs < 32 V;
Cd; On; ICD = 1 mA
--
0.2
V
Offset detector
OD
Offset detector
Power amp. in play AC input = 0
±1
±2
±3
V
VOFF_SAT
Offset detector saturation voltage
Vo-Vhvcc > 3 V, IOD = 1 mA
-
-
0.2
V
1.
Square wave input.
2.
22 Hz to 22 kHz.
3.
Clip detector not guaranteed for Vs < 10 V.
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com