Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7576B Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7576B
Description  Dual bridge MOSFET power amplifier for 24 V systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7576B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7576B Datasheet HTML 7Page - STMicroelectronics TDA7576B Datasheet HTML 8Page - STMicroelectronics TDA7576B Datasheet HTML 9Page - STMicroelectronics TDA7576B Datasheet HTML 10Page - STMicroelectronics TDA7576B Datasheet HTML 11Page - STMicroelectronics TDA7576B Datasheet HTML 12Page - STMicroelectronics TDA7576B Datasheet HTML 13Page - STMicroelectronics TDA7576B Datasheet HTML 14Page - STMicroelectronics TDA7576B Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TDA7576B
Principle of operation
Doc ID 023511 Rev 3
11/17
4
Principle of operation
The TDA7576B is an innovative stereo audio amplifier meant for 24 V battery vehicles. The
amplifier works in a single-ended configuration without the large decoupling capacitors on
the outputs normally required by the s.e. topology. Its principle of operation is depicted in
Figure 11.
Figure 11.
Amplifier structure
Channel 1 is electrically inverting its input signal whereas channel 2 is not; if the speakers
are connected with the positive pole of speaker 2 connected to Out2 and the negative pole
of speaker 1 connected to Out1, then the two channels both behave as non-inverting.
Speaker 1 and speaker 2 have one terminal in common and further connected to a half Vcc
(HVCC) buffer.
If the signals at In1 and In2 are identical, then the voltage at Out1 and Out2 is identical in
magnitude but inverted (Out1 = -Out2), and the current flowing through speaker 1 is all
coming from speaker 2, with no current going into the HVCC buffer. If the signal at In1 is not
identical to that at In2, then the signal at the two outputs will not be identical either, and
some current will flow into or out of the HVCC buffer, keeping the voltage at HVCC constant.
This structure allows therefore the amplifier to operate in a single-ended configuration with
no need for decoupling capacitors.
Mathematically this can be expressed as:
VL1 = -G * Vin1
VL2 = +G * Vin2
IHVCC = Io1 + Io2 = VL1/RL + VL2/RL = G (Vin2 - Vin1) / RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com