Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7576B Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7576B
Description  Dual bridge MOSFET power amplifier for 24 V systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7576B Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7576B Datasheet HTML 1Page - STMicroelectronics TDA7576B Datasheet HTML 2Page - STMicroelectronics TDA7576B Datasheet HTML 3Page - STMicroelectronics TDA7576B Datasheet HTML 4Page - STMicroelectronics TDA7576B Datasheet HTML 5Page - STMicroelectronics TDA7576B Datasheet HTML 6Page - STMicroelectronics TDA7576B Datasheet HTML 7Page - STMicroelectronics TDA7576B Datasheet HTML 8Page - STMicroelectronics TDA7576B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
September 2013
Doc ID 023511 Rev 3
1/17
1
TDA7576B
Dual bridge MOSFET power amplifier for 24 V systems
Datasheet
production data
Features
■ Multipower BCD technology
■ 24 V battery operation
■ MOSFET output power stage
■ High output power capability
–2 x 20 W/4
 @ 24 V, 1 kHz; 10 %
■ Minimized external components
– No decoupling capacitors
– No bootstrap capacitor
– No external compensation
– Internally fixed gain
■ Standby function
■ Mute function
■ Diagnostic pin for:
– clip detector (THD 2 %)
– short circuit detection
– thermal protection
■ Output DC offset detection
■ Protections:
– 60 V load dump
– Overrating chip temperature
– Out short circuit protection (to GND, Vcc
and across the load)
–ESD
Description
The TDA7576B is a dual bridge power amplifier
with MOSFET output power stages. It has been
specifically designed for 24 V power supply
systems making it compatible with truck/bus
applications.
The feedback topology allows excellent distortion
performances and the integrated buffer minimizes
the need for external components. The fully
complementary P-channel/N-channel output
structure allows rail-to-rail output voltage swing
minimizing saturation losses.
The TDA7576B integrates a DC offset detector, a
clipping detector and a diagnostic output.
Multiwatt15
Table 1.
Device summary
Order code
Package
Packing
TDA7576B
Multiwatt15
Tube
www.st.com


Similar Part No. - TDA7576B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7570 STMICROELECTRONICS-TDA7570 Datasheet
285Kb / 17P
250W PWM high efficiency power audio amplifier
29-Aug-2007
TDA7571 STMICROELECTRONICS-TDA7571 Datasheet
394Kb / 21P
STPDACsw - Fully digital high efficiency power audio amplifier
03-Sep-2007
TDA7572 STMICROELECTRONICS-TDA7572 Datasheet
1Mb / 64P
200W mono bridge PWM amplifier with built-in step-up converter
03-Sep-2007
TDA7575 STMICROELECTRONICS-TDA7575 Datasheet
193Kb / 17P
MULTIFUNCTION DUAL BRIDGE POWER AMPLIFIER WITH INTEGRATED DIGITAL DIAGNOSTICS
Oct-2002
TDA7575B STMICROELECTRONICS-TDA7575B Datasheet
521Kb / 32P
2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
30-Oct-2007
More results

Similar Description - TDA7576B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C251 PHILIPS-PCA82C251 Datasheet
95Kb / 20P
CAN transceiver for 24 V systems
2000 Jan 13
logo
Sanyo Semicon Device
LA4582CM SANYO-LA4582CM Datasheet
143Kb / 6P
Pre Power Amplifier for 3-V Headphone Stereo Systems
logo
Infineon Technologies A...
PMB8825 INFINEON-PMB8825 Datasheet
188Kb / 2P
Dual-Band Power Amplifier for WLAN Systems
2003
logo
NXP Semiconductors
PCA82C251 NXP-PCA82C251 Datasheet
151Kb / 16P
CAN transceiver for 24 V systems
Rev. 04-28 January 2010
PCA82C251N NXP-PCA82C251N Datasheet
119Kb / 17P
CAN transceiver for 24 V systems
Rev. 04-25 August 2011
PCA82C251TD-T NXP-PCA82C251TD-T Datasheet
119Kb / 17P
CAN transceiver for 24 V systems
Rev. 04-25 August 2011
logo
Texas Instruments
TLV2172-Q1 TI1-TLV2172-Q1 Datasheet
1Mb / 27P
36-V, Single-Supply, Low-Power Operational Amplifier for Cost-Sensitive Systems
logo
Nuvoton Technology Corp...
NAU7802 NUVOTON-NAU7802 Datasheet
1Mb / 42P
24-Bit Dual-Channel ADC For Bridge Sensors
logo
Hangzhou Youwang Electr...
UTC7266 YOUWANG-UTC7266 Datasheet
317Kb / 9P
DUAL BRIDGE AMPLIFIER
logo
Nuvoton Technology Corp...
NAU780 NUVOTON-NAU780 Datasheet
1Mb / 42P
24-Bit Dual-Channel ADC For Bridge Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com