Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7576B Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7576B
Description  Dual bridge MOSFET power amplifier for 24 V systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7576B Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7576B Datasheet HTML 9Page - STMicroelectronics TDA7576B Datasheet HTML 10Page - STMicroelectronics TDA7576B Datasheet HTML 11Page - STMicroelectronics TDA7576B Datasheet HTML 12Page - STMicroelectronics TDA7576B Datasheet HTML 13Page - STMicroelectronics TDA7576B Datasheet HTML 14Page - STMicroelectronics TDA7576B Datasheet HTML 15Page - STMicroelectronics TDA7576B Datasheet HTML 16Page - STMicroelectronics TDA7576B Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TDA7576B
Power dissipation computation
Doc ID 023511 Rev 3
13/17
5
Power dissipation computation
The instantaneous power dissipated by each output stage is given by the formula below:
PD1,2(t) = 1/RL |VL1,2(t)| (Vcc/2 - |VL1,2(t)|)
with VL1,2(t) being the output signal on each of the two channels (VL1,2(t) = G * Vin1,2(t)).
If the two input signals are not identical, as seen in Section 4 a current IHVcc flows into or
out of the half Vcc buffer; this current causes dissipation within the HVcc buffer given by:
PDHVCC(t) = Vcc/(2RL) | VL2(t) - VL1(t) |
which is obviously 0 when the two channels have identical signals.
The total instantaneous power dissipation inside the TDA7576B is therefore given by:
Pdtot(t) = PD1(t) + PD2(t) + PDHVCC(t).
The dimensioning of the heat sink of the system must take into consideration these three
components.
For more details on power dissipation and recommendations on heat-sink characteristics
computation, please refer to the complete application note related to this subject.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com