Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7155ACPZ-01-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM7155ACPZ-01-R7
Description  600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7155ACPZ-01-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM7155ACPZ-01-R7 Datasheet HTML 4Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 5Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 6Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 7Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 8Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 9Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 10Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 11Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADM7155
Data Sheet
Rev. C | Page 8 of 24
VIN (V)
5.5
5.0
4.5
4.0
3.5
0
10
9
8
7
6
5
4
3
2
1
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 400mA
ILOAD = 600mA
Figure 11. Ground Current vs. Input Voltage (VIN) at Various Loads,
VOUT = 3.3 V
ILOAD (mA)
1000
100
10
1
0
160
140
120
100
80
60
40
20
Figure 12. Dropout Voltage vs. Load Current (ILOAD), VOUT = 3.3 V
VIN (V)
3.8
3.7
3.6
3.5
3.4
3.3
3.1
3.2
3.00
3.05
3.10
3.15
3.20
3.25
3.30
3.35
3.40
ILOAD = 5mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 400mA
ILOAD = 600mA
Figure 13. Output Voltage (VOUT) vs. Input Voltage (VIN) in Dropout,
VOUT = 3.3 V
VIN (V)
3.8
3.7
3.6
3.5
3.4
3.3
3.1
3.2
0
1
2
3
4
5
6
7
8
9
10
ILOAD = 5mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 400mA
ILOAD = 600mA
Figure 14. Ground Current vs. Input Voltage (VIN) in Dropout, VOUT = 3.3 V
JUNCTION TEMPERATURE (°C)
125
85
25
–5
–40
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 400mA
ILOAD = 600mA
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
Figure 15. Output Voltage (VOUT) vs. Junction Temperature (TJ) at Various
Loads, VOUT = 1.2 V
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
ILOAD (mA)
1000
100
10
1
Figure 16. Output Voltage (VOUT) vs. Load Current (ILOAD), VOUT = 1.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com