Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7155ACPZ-01-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM7155ACPZ-01-R7
Description  600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7155ACPZ-01-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADM7155ACPZ-01-R7 Datasheet HTML 1Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 2Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 3Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 4Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 5Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 6Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 7Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 8Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
600 mA, Ultralow Noise,
High PSRR, RF Linear Regulator
Data Sheet
ADM7155
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Input voltage range: 2.3 V to 5.5 V
Output voltage range: 1.2 V to 3.4 V
Maximum load current: 600 mA
Low noise
0.9 μV rms total integrated noise from 100 Hz to 100 kHz
1.6 μV rms total integrated noise from 10 Hz to 100 kHz
Noise spectral density: 1.5 nV/√Hz from 10 kHz to 1 MHz
PSRR: >90 dB from 200 Hz to 200 kHz; 57 dB at 1 MHz
Dropout voltage: 120 mV typical at VOUT = 3.3 V, IOUT = 600 mA
Initial accuracy: ±0.5%
Accuracy over line, load, and temperature: −2.0% (minimum),
+1.5% (maximum)
Quiescent current, IGND = 4 mA at no load
Low shutdown current: 0.2 μA
Stable with a 10 μF ceramic output capacitor
8-lead LFCSP and 8-lead SOIC packages
Precision enable
Supported by ADIsimPower tool
APPLICATIONS
Regulation to noise sensitive applications: PLLs, VCOs, and
PLLs with integrated VCOs
Communications and infrastructure
Backhaul and microwave links
TYPICAL APPLICATION CIRCUIT
VOUT
REF_SENSE
REF
REF = 1.2V
VIN
EN
ADM7155
GND
CREF
1µF
CIN
10µF
COUT
10µF
OFF
ON
VIN = 3.5V
VOUT = 3.0V
VOUT = 1.2V × (R1 + R2)/R2
1kΩ < R2 < 200kΩ
BYP
CBYP
1µF
VBYP
VREG
CREG
10µF
VREG
R1
R2
Figure 1. Regulated 3.0 V Output from 3.5 V Input
FREQUENCY (Hz)
1M
0.1
1
10
100
1k
10k
100k
0.1
1
10
100
10k
1k
NOISE FLOOR
1.0µF
3.3µF
10µF
33µF
100µF
330µF
1000µF
Figure 2. Noise Spectral Density for Different Values of CBYP
GENERAL DESCRIPTION
The ADM7155 is an adjustable linear regulator that operates
from 2.3 V to 5.5 V and provides up to 600 mA of load current.
Output voltages from 1.2 V to 3.4 V are possible depending on
the model. Using an advanced proprietary architecture, it
provides high power supply rejection and ultralow noise,
achieving excellent line and load transient response with only a
10 μF ceramic output capacitor.
The ADM7155 is available in four models that optimize power
dissipation and PSRR performance as a function of input and
output voltage. See Table 9 and Table 10 for selection guides.
The ADM7155 regulator typical output noise is 0.9 μV rms from
100 Hz to 100 kHz for fixed output voltage options and 1.5 nV/√Hz
for noise spectral density from 10 kHz to 1 MHz.
The ADM7155 is available in 8-lead, 3 mm × 3 mm LFCSP and
8-lead SOIC packages, making it not only a very compact
solution but also providing excellent thermal performance for
applications requiring up to 600 mA of load current in a small, low
profile footprint.
Table 1. Related Devices
Model
Input
Voltage
Output
Current Fixed/Adj1 Package
ADM7150ACP 4.5 V to 16 V
800 mA
Fixed
8-Lead LFCSP
ADM7150ARD 4.5 V to 16 V
800 mA
Fixed
8-Lead SOIC
ADM7151ACP 4.5 V to 16 V
800 mA
Adj
8-Lead LFCSP
ADM7151ARD 4.5 V to 16 V
800 mA
Adj
8-Lead SOIC
ADM7154ACP 2.3 V to 5.5 V 600 mA
Fixed
8-Lead LFCSP
ADM7154ARD 2.3 V to 5.5 V 600 mA
Fixed
8-Lead SOIC
1 Adj means adjustable.


Similar Part No. - ADM7155ACPZ-01-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM7155ACP AD-ADM7155ACP Datasheet
782Kb / 23P
600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
More results

Similar Description - ADM7155ACPZ-01-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
logo
Linear Technology
LT3042 LINER-LT3042_15 Datasheet
900Kb / 30P
20V, 200mA, Ultralow Noise, Ultrahigh PSRR RF Linear Regulator
logo
Texas Instruments
TPS792 TI-TPS792 Datasheet
496Kb / 19P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
ADM7150 AD-ADM7150 Datasheet
801Kb / 24P
800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. 0
ADM7151 AD-ADM7151 Datasheet
1Mb / 24P
800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
ADM7154 AD-ADM7154 Datasheet
782Kb / 23P
600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com