Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7155ACPZ-01-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM7155ACPZ-01-R7
Description  600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7155ACPZ-01-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADM7155ACPZ-01-R7 Datasheet HTML 1Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 2Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 3Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 4Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 5Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 6Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 7Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 8Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADM7155
Data Sheet
Rev. C | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Typical Application Circuit ............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
Thermal Data ................................................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Pin Configurations and Function Descriptions ........................... 6
Typical Performance Characteristics ............................................. 7
Theory of Operation ...................................................................... 14
Applications Information .............................................................. 15
ADIsimPower Design Tool ....................................................... 15
Capacitor Selection .................................................................... 15
Undervoltage Lockout (UVLO) ............................................... 16
Programmable Precision Enable .............................................. 17
Start-Up Time ............................................................................. 17
REF, BYP, and VREG Pins......................................................... 18
Current-Limit and Thermal Overload Protection................. 18
Thermal Considerations............................................................ 18
Printed Circuit Board Layout Considerations............................ 22
Outline Dimensions ....................................................................... 23
Ordering Guide .......................................................................... 24
REVISION HISTORY
8/2016—Rev. B to Rev. C
Changes to Programmable Precision Enable Section and
Figure 53 .......................................................................................... 17
9/2015—Rev. A to Rev. B
Changed 3.0 V to 2.4 V.................................................................. 14
12/2014—Rev. 0 to Rev. A
Changes to Figure 35 to Figure 40................................................ 12
Changes to Figure 45...................................................................... 15
10/2014—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com