Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7155ACPZ-01-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADM7155ACPZ-01-R7
Description  600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7155ACPZ-01-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADM7155ACPZ-01-R7 Datasheet HTML 15Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 16Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 17Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 18Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 19Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 20Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 21Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 22Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
ADM7155
Rev. C | Page 19 of 24
Table 7. Typical θJA Values
θJA (°C/W)
Copper Size (mm2)
8-Lead LFCSP
8-Lead SOIC
251
165.1
165
100
125.8
126.4
500
68.1
69.8
1000
56.4
57.8
6400
42.1
43.6
1 Device soldered to minimum size pin traces.
Table 8. Typical ΨJB Values
Package
ΨJB (°C/W)
8-Lead LFCSP
15.1
8-Lead SOIC
17.9
The junction temperature of the ADM7155 is calculated from
the following equation:
TJ = TA + (PD × θJA)
(2)
where:
TA is the ambient temperature.
PD is the power dissipation in the die, given by
PD = ((VIN − VOUT) × ILOAD) + (VIN × IGND)
(3)
where:
VIN and VOUT are the input and output voltages, respectively.
ILOAD is the load current.
IGND is the ground current.
Power dissipation caused by ground current is quite small and
can be ignored. Therefore, the junction temperature equation
simplifies to the following:
TJ = TA + (((VIN − VOUT) × ILOAD) × θJA)
(4)
As shown in Equation 4, for a given ambient temperature, input
to output voltage differential, and continuous load current,
there exists a minimum copper size requirement for the PCB to
ensure that the junction temperature does not rise above 150°C.
The heat dissipation from the package can be improved by
increasing the amount of copper attached to the pins and
exposed pad of the ADM7155. Adding thermal planes
underneath the package also improves thermal performance.
However, as shown in Table 7, a point of diminishing returns is
eventually reached, beyond which an increase in the copper
area does not yield significant reduction in the junction to
ambient thermal resistance.
Figure 56 to Figure 61 show junction temperature calculations
for different ambient temperatures, power dissipation, and areas
of PCB copper.
TOTAL POWER DISSIPATION (W)
6400mm2
500mm2
25mm2
TJ MAX
25
35
45
55
65
75
85
95
105
115
125
135
145
155
0 0.2 0.40.60.81.0 1.21.41.61.82.0 2.22.42.62.8 3.0
Figure 56. Junction Temperature vs. Total Power Dissipation for
the 8-Lead LFCSP, TA = 25°C
TOTAL POWER DISSIPATION (W)
1.82.0 2.22.4
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
60
70
80
90
100
110
120
140
160
130
150
6400mm2
500mm2
25mm2
TJ MAX
Figure 57. Junction Temperature vs. Total Power Dissipation for
the 8-Lead LFCSP, TA = 50°C
TOTAL POWER DISSIPATION (W)
1.5
0.8 0.9 1.0 1.1 1.2 1.3 1.4
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
65
75
85
95
105
115
125
135
155
145
6400mm2
500mm2
25mm2
TJ MAX
Figure 58. Junction Temperature vs. Total Power Dissipation for
the 8-Lead LFCSP, TA = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com