Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7155ACPZ-01-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM7155ACPZ-01-R7
Description  600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7155ACPZ-01-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM7155ACPZ-01-R7 Datasheet HTML 6Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 7Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 8Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 9Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 10Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 11Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 12Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 13Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADM7155
Data Sheet
Rev. C | Page 10 of 24
HEADROOM (V)
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
–140
–120
–100
–80
–60
–40
–20
0
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
10MHz
Figure 23. Power Supply Rejection Ratio (PSRR) vs. Headroom Voltage at
Different Frequencies, VOUT = 3.3 V, 400 mA Load
FREQUENCY (Hz)
10M
1
10
100
1k
10k
100k
1M
–140
–120
–100
–80
–60
–40
–20
0
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 400mA
ILOAD = 600mA
Figure 24. Power Supply Rejection Ratio (PSRR) vs. Frequency at Various
Loads, VOUT = 1.2 V, VIN = 2.4 V
FREQUENCY (Hz)
10M
1
10
100
1k
10k
100k
1M
–140
–120
–100
–80
–60
–40
–20
0
2.0V
1.5V
1.3V
1.2V
1.1V
Figure 25. Power Supply Rejection Ratio (PSRR) vs. Frequency at Various
Headroom Voltages, VOUT = 1.2 V, 400 mA Load
HEADROOM (V)
2.0
1.01.11.21.31.41.5
1.61.71.81.9
–140
–120
–100
–80
–60
–40
–20
0
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
10MHz
Figure 26. Power Supply Rejection Ratio (PSRR) vs. Headroom Voltage,
Different Frequencies, VOUT = 1.2 V, 400 mA Load
FREQUENCY (Hz)
10M
1
10
100
1k
10k
100k
1M
–140
–120
–100
–80
–60
–40
–20
0
1µF
10µF
100µF
1000µF
Figure 27. Power Supply Rejection Ratio (PSRR) vs. Frequency, Different CBYP,
VOUT = 3.3 V, 400 mA Load, 500 mV Headroom
LOAD CURRENT (mA)
1000
10
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10Hz TO 100kHz
100Hz TO 100kHz
Figure 28. RMS Output Noise vs. Load Current (ILOAD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com