Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7155ACPZ-01-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADM7155ACPZ-01-R7
Description  600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7155ACPZ-01-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM7155ACPZ-01-R7 Datasheet HTML 14Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 15Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 16Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 17Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 18Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 19Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 20Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 21Page - Analog Devices ADM7155ACPZ-01-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADM7155
Data Sheet
Rev. C | Page 18 of 24
TIME (ms)
40
35
30
25
20
15
10
5
0
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
ENABLE (VEN)
CBYP = 1µF
CBYP = 3.3µF
CBYP = 10µF
Figure 54. Typical Start-Up Behavior with CBYP = 1 μF to 10 μF
TIME (ms)
200
180
160
140
120
100
80
60
40
20
0
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
ENABLE (VEN)
CBYP = 10µF
CBYP = 33µF
CBYP = 100µF
CBYP = 330µF
Figure 55. Typical Start-Up Behavior with CBYP = 10 μF to 330 μF
REF, BYP, AND VREG PINS
REF, BYP, and VREG generate voltages internally (VREF, VBYP,
and VREG) that require external bypass capacitors for proper
operation. Do not, under any circumstances, connect any loads
to these pins, because doing so compromises the noise and
PSRR performance of the ADM7155. Using larger values of
CBYP, CREF, and CREG is acceptable but can increase the start-up
time, as described in the Start-Up Time section.
CURRENT-LIMIT AND THERMAL OVERLOAD
PROTECTION
The ADM7155 is protected against damage due to excessive
power dissipation by current and thermal overload protection
circuits. The ADM7155 is designed to current limit when the
output load reaches 960 mA (typical). When the output load
exceeds 960 mA, the output voltage is reduced to maintain a
constant current limit.
Thermal overload protection is included, which limits the
junction temperature to a maximum of 150°C. Under extreme
conditions (that is, high ambient temperature and/or high
power dissipation), when the junction temperature starts to rise
above 150°C, the output is turned off, reducing the output
current to zero. When the junction temperature drops below
135°C, the output is turned on again, and the output current is
restored to the operating value.
Consider the case where a hard short from VOUT to GND
occurs. At first, the ADM7155 current limits, so that only
960 mA is conducted into the short. If self heating of the
junction is great enough to cause the temperature to rise above
150°C, thermal shutdown activates, turning off the output and
reducing the output current to zero. As the junction tempera-
ture cools and drops below 135°C, the output turns on and
conducts 900 mA into the short, again causing the junction
temperature to rise above 150°C. This thermal oscillation
between 135°C and 150°C causes a current oscillation between
900 mA and 0 mA that continues for as long as the short
remains at the output.
Current-limit and thermal limit protections are intended to
protect the device against accidental overload conditions. For
reliable operation, device power dissipation must be externally
limited so that the junction temperature does not exceed 150°C.
THERMAL CONSIDERATIONS
In applications with a low input to output voltage differential,
the ADM7155 does not dissipate much heat. However, in
applications with high ambient temperature and/or high input
voltage, the heat dissipated in the package may become large
enough that it causes the junction temperature of the die to
exceed the maximum junction temperature of 150°C.
When the junction temperature exceeds 150°C, the converter
enters thermal shutdown. It recovers only after the junction
temperature decreases below 135°C to prevent any permanent
damage. Therefore, thermal analysis for the chosen application
is important to guarantee reliable performance over all
conditions. The junction temperature of the die is the sum of
the ambient temperature of the environment and the tempera-
ture rise of the package due to the power dissipation, as shown
in Equation 2.
To guarantee reliable operation, the junction temperature of the
ADM7155 must not exceed 150°C. To ensure that the junction
temperature stays below this maximum value, the user must be
aware of the parameters that contribute to junction temperature
changes. These parameters include ambient temperature, power
dissipation in the power device, and thermal resistances
between the junction and ambient air (θJA). The θJA number is
dependent on the package assembly compounds that are used
and the amount of copper used to solder the package GND pin
and exposed pad to the PCB.
Table 7 shows typical θJA values of the 8-lead SOIC and 8-lead
LFCSP packages for various PCB copper sizes.
Table 8 shows the typical ΨJB values of the 8-lead SOIC and
8-lead LFCSP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com